Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS2 Datasheet(PDF) 2 Page - AIC tech Inc.

Part # PS2
Description  Useful of 4,000 hours at 85°C
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AICTECH [AIC tech Inc.]
Direct Link  https://www.aictech-inc.com/en
Logo AICTECH - AIC tech Inc.

PS2 Datasheet(HTML) 2 Page - AIC tech Inc.

  PS2 Datasheet HTML 1Page - AIC tech Inc. PS2 Datasheet HTML 2Page - AIC tech Inc. PS2 Datasheet HTML 3Page - AIC tech Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SNAP MOUNT TYPE ALUMINUM ELECTROLYTIC CAPACITORS
Dimensions
PS2 Series
Standard Products Table
Rated
Voltage
(V. DC)
Capacitance
(
μF)
Case size
φD×L
(mm)
tan
20
℃, 120Hz
Ripple current
(Arms)
85
℃, 120Hz
ESR(typ.)
(m )
20
℃, 100Hz
Product name
200
1,800
41
×45
0.15
5.78
63
PS22D182MSBS6PHWPPF
2,200
41
×55
0.15
6.35
52
PS22D222MSBS8PHWPPF
2,700
46
×51
0.15
6.58
42
PS22D272MSHS7PHWPPF
3,300
41
×64
0.15
7.46
34
PS22D332MSBS10PHWPPF
46
×61
0.15
7.35
34
PS22D332MSHS9PHWPPF
51
×51
0.15
7.07
35
PS22D332MTCS7PHWPPF
3,900
46
×70
0.15
7.98
30
PS22D392MSHS11PHWPPF
51
×61
0.15
7.76
30
PS22D392MTCS9PHWPPF
4,700
51
×70
0.15
8.49
25
PS22D472MTCS11PHWPPF
250
1,200
41
×45
0.15
4.72
95
PS22E122MSBS6PHWPPF
1,800
41
×55
0.15
5.75
63
PS22E182MSBS8PHWPPF
46
×51
0.15
5.37
63
PS22E182MSHS7PHWPPF
2,200
41
×64
0.15
6.41
52
PS22E222MSBS10PHWPPF
46
×61
0.15
6.00
52
PS22E222MSHS9PHWPPF
2,700
51
×51
0.15
6.40
43
PS22E272MTCS7PHWPPF
3,300
46
×70
0.15
7.34
34
PS22E332MSHS11PHWPPF
51
×61
0.15
7.14
34
PS22E332MTCS9PHWPPF
3,900
51
×70
0.15
7.73
30
PS22E392MTCS11PHWPPF
400
560
41
×45
0.15
4.22
132
PS22G561MSBS6PHWPPF
680
41
×55
0.15
4.62
109
PS22G681MSBS8PHWPPF
820
46
×51
0.15
5.13
90
PS22G821MSHS7PHWPPF
1,000
41
×64
0.15
5.66
80
PS22G102MSBS10PHWPPF
46
×61
0.15
5.73
80
PS22G102MSHS9PHWPPF
51
×51
0.15
5.88
80
PS22G102MTCS7PHWPPF
1,200
46
×70
0.15
6.26
66
PS22G122MSHS11PHWPPF
51
×61
0.15
6.51
66
PS22G122MTCS9PHWPPF
1,500
51
×70
0.15
7.25
53
PS22G152MTCS11PHWPPF
420
470
41
×45
0.15
3.71
158
PS2420V471MSBS6PHWPPF
680
41
×55
0.15
4.44
109
PS2420V681MSBS8PHWPPF
46
×51
0.15
4.48
109
PS2420V681MSHS7PHWPPF
820
41
×64
0.15
4.92
90
PS2420V821MSBS10PHWPPF
51
×51
0.15
5.11
90
PS2420V821MTCS7PHWPPF
1,000
46
×61
0.15
5.49
80
PS2420V102MSHS9PHWPPF
1,200
46
×70
0.15
6.01
66
PS2420V122MSHS11PHWPPF
51
×61
0.15
6.25
66
PS2420V122MTCS9PHWPPF
1,500
51
×70
0.15
6.96
53
PS2420V152MTCS11PHWPPF
Rated
Voltage
(V. DC)
Capacitance
(
μF)
Case size
φD×L
(mm)
tan
20
℃, 120Hz
Ripple current
(Arms)
85
℃, 120Hz
ESR(typ.)
(m )
20
℃, 100Hz
Product name
450
390
41
×45
0.15
3.38
190
PS22W391MSBS6PHWPPF
560
41
×55
0.15
4.03
132
PS22W561MSBS8PHWPPF
680
46
×51
0.15
4.48
109
PS22W681MSHS7PHWPPF
820
41
×64
0.15
4.92
90
PS22W821MSBS10PHWPPF
46
×61
0.15
4.98
90
PS22W821MSHS9PHWPPF
51
×51
0.15
5.11
90
PS22W821MTCS7PHWPPF
1,000
46
×70
0.15
5.48
80
PS22W102MSHS11PHWPPF
51
×61
0.15
5.70
80
PS22W102MTCS9PHWPPF
1,200
51
×70
0.15
6.22
66
PS22W122MTCS11PHWPPF
500
330
41
×45
0.20
2.96
290
PS22H331MSBS6PHWPPF
470
41
×55
0.20
3.51
210
PS22H471MSBS8PHWPPF
46
×51
0.20
3.54
210
PS22H471MSHS7PHWPPF
560
41
×64
0.20
3.87
180
PS22H561MSBS10PHWPPF
680
46
×61
0.20
4.31
150
PS22H681MSHS9PHWPPF
51
×51
0.20
4.43
150
PS22H681MTCS7PHWPPF
820
46
×70
0.20
4.72
120
PS22H821MSHS11PHWPPF
51
×61
0.20
4.91
120
PS22H821MTCS9PHWPPF
1,000
51
×70
0.20
5.40
100
PS22H102MTCS11PHWPPF
550
220
41
×45
0.20
2.33
510
PS22L221MSBS6PHWPPF
270
41
×55
0.20
2.57
420
PS22L271MSBS8PHWPPF
330
46
×51
0.20
2.87
340
PS22L331MSHS7PHWPPF
390
41
×64
0.20
3.12
290
PS22L391MSBS10PHWPPF
46
×61
0.20
3.15
290
PS22L391MSHS9PHWPPF
51
×51
0.20
3.24
290
PS22L391MTCS7PHWPPF
560
46
×70
0.20
3.77
200
PS22L561MSHS11PHWPPF
51
×61
0.20
3.92
200
PS22L561MTCS9PHWPPF
680
51
×70
0.20
4.31
170
PS22L681MTCS11PHWPPF
600
180
41
×45
0.20
2.11
620
PS2600V181MSBS6PHWPPF
220
41
×55
0.20
2.32
510
PS2600V221MSBS8PHWPPF
270
46
×51
0.20
2.59
420
PS2600V271MSHS7PHWPPF
330
41
×64
0.20
2.87
340
PS2600V331MSBS10PHWPPF
390
46
×61
0.20
3.15
290
PS2600V391MSHS9PHWPPF
51
×51
0.20
3.24
290
PS2600V391MTCS7PHWPPF
470
46
×70
0.20
3.45
240
PS2600V471MSHS11PHWPPF
51
×61
0.20
3.59
240
PS2600V471MTCS9PHWPPF
560
51
×70
0.20
3.91
200
PS2600V561MTCS11PHWPPF
●φ41, 46
●φ51
4−type terminal(Terminal code:S)
T−type terminal(Terminal code:T)
(Unit : mm)
60°
60°
φD±1
2.0MAX
L±2
φ22.5
6.0MAX
4−Projections
3−Projections
Terminal
Terminal
PVC Sleeve
2.0MAX
L±2
6.0MAX
PVC Sleeve
Phenol resin
φ51±1
Phenol resin
3−1.0×5.5
3−1.5×6.5
15.5
11.0
4-
φ2 hole
Circuit board hole dimension
(unit : mm)
Blank
termination
as strengthener
Blank
termination
as strengthener
Case vent
Plate less
(Unit : mm)
Circuit board hole dimension
(unit : mm)
Blank
termination
as strengthener
Case vent
Plate less
air
1mm
1mm
element
element
chassis
Circuit board
①Improvement of flow hole
②Improved valve working distance
Injection
Special structure



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com