Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS2-2RP/9C/9C Datasheet(PDF) 8 Page - Hirose Electric

Part # PS2-2RP/9C/9C
Description  High Current Connector
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

PS2-2RP/9C/9C Datasheet(HTML) 8 Page - Hirose Electric

Back Button PS2-2RP/9C/9C Datasheet HTML 4Page - Hirose Electric PS2-2RP/9C/9C Datasheet HTML 5Page - Hirose Electric PS2-2RP/9C/9C Datasheet HTML 6Page - Hirose Electric PS2-2RP/9C/9C Datasheet HTML 7Page - Hirose Electric PS2-2RP/9C/9C Datasheet HTML 8Page - Hirose Electric PS2-2RP/9C/9C Datasheet HTML 9Page - Hirose Electric PS2-2RP/9C/9C Datasheet HTML 10Page - Hirose Electric PS2-2RP/9C/9C Datasheet HTML 11Page - Hirose Electric PS2-2RP/9C/9C Datasheet HTML 12Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
PS2 Series●High Current Connector
BCrimp Contact
Parts No.
HRS No.
Packagiging
RoHS
PS2-1618PCFA
236-1028-1 00
3,500pcs/reel
○
PS2-1618PCA
236-1051-3 00
100pcs/pack
PS2-1618SCFA
236-1029-4 00
3,500pcs/reel
PS2-1618SCA
236-1052-6 00
100pcs/pack
PQ50SA-1822PCFA
236-2029-0 00
6,000pcs/reel
PQ50SA-1822PCA
236-2048-4 00
100pcs/pack
PQ50SA-2428PCFA
236-2030-9 00
6,000pcs/reel
PQ50SA-2428PCA
236-2049-7 00
100pcs/pack
PQ50S-1822SCFA
236-2026-1 00
6,000pcs/reel
PQ50S-1822SCA
236-2050-6 00
100pcs/pack
PQ50S-2428SCFA
236-2028-7 00
6,000pcs/reel
PQ50S-2428SCA
236-2051-9 00
100pcs/pack
2.2
0.9
2.8
3.9
2.9
3
BManual Crimp Tools
Target
product
①Tool Frame
Upper row : Part No. / Lower row : HRS No.
※Die set
Applicable contacts
Applicable
cables
Part No.
HRS No.
100A type
200A type
HT702
250-1001-1
PQ50S-1820(1007)
250-1010-2
PQ50S-1822SCA
18 AWG
20 AWG
PQ50S-2022(1007)
250-1011-5
22 AWG
PQ50SA-1820(1007)
250-1012-8
PQ50SA-1822PCA
18 AWG
20 AWG
PQ50SA-2022(1007)
250-1013-0
22 AWG
PQ50S-2428(1007)
250-1029-0
PQ50S-2428SCA
24 AWG
26 AWG
28 AWG
PQ50SA-2428(1007)
250-1030-0
PQ50SA-2428PCA
24 AWG
26 AWG
28 AWG
300A type
PS2-1618(3385)
250-1014-3
PS2-1618PCA
PS2-1618SCA
18 AWG
●PS2-1618PCFA
2.15
1.35
2.25
0.7
2.15
2.15
2.25
●PQ50SA-1822PCFA
PQ50SA-2428PCFA
●PQ50S-1822SCFA
PQ50S-2428SCFA
●PS2-1618SCFA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com