Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS2-2RP/9C/9C Datasheet(PDF) 2 Page - Hirose Electric

Part # PS2-2RP/9C/9C
Description  High Current Connector
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

PS2-2RP/9C/9C Datasheet(HTML) 2 Page - Hirose Electric

  PS2-2RP/9C/9C Datasheet HTML 1Page - Hirose Electric PS2-2RP/9C/9C Datasheet HTML 2Page - Hirose Electric PS2-2RP/9C/9C Datasheet HTML 3Page - Hirose Electric PS2-2RP/9C/9C Datasheet HTML 4Page - Hirose Electric PS2-2RP/9C/9C Datasheet HTML 5Page - Hirose Electric PS2-2RP/9C/9C Datasheet HTML 6Page - Hirose Electric PS2-2RP/9C/9C Datasheet HTML 7Page - Hirose Electric PS2-2RP/9C/9C Datasheet HTML 8Page - Hirose Electric PS2-2RP/9C/9C Datasheet HTML 9Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
PS2 Series●High Current Connector
■Product Specifications
Ratings
----------------------
Power Part
Derating curve,
ambient temp 25ç
Applicable cables
Signal Part
Operating Temp.
Range
Current
300A
----------------------
150sq, 300MCM
5A
−40~105ç
200A
330A
180sq, AWG#3/0
Storage Temp. Range
100A
175A
38sq, AWG#2
−55~60ç
Voltage
1,000V
100V
Item
Specifications
Conditions
1. Contact resistance
Attached table
Measured at DC 1 A
Measured at DC 100 mA
2. Insulation resistance
5,000 Mø or more
Measured at DC 250 V
3. Withstand voltage
No flashover or breakdown
Power: Apply AC 2,000 V for one minute
Signal: Apply AC 1,000 V for one minute
4. Durability
Attached table
50 mating cycles
5. Shock resistance
No electrical discontinuity of 10 µs or
more
Acceleration 490 m/s
2, duration 11 ms, half-
sine wave, 3 times each for each of the 3
axes.
6. Vibration resistance
No electrical discontinuity of 10 µs or
more
10 cycles in each of 3 axial directions at
frequency 10-55 Hz, half amplitude 0.75 mm
7. Temperature
cycles
Attached table
Minimum of 1,000 Mø
Temperature:
-40 → 105ç
Time:
30
→ 30 min
8. Salt water spray
No significant corrosion
5% salt water spray concentration while
keeping samples at 35ç for 48 hours.
■Materials / Finish
●Receptacle
Parts
Materials
Color/Finish
Remarks
Insulation case
Synthetic resin
Black
UL94V-0
Power contact
Brass/Copper alloy
Silver plated
----------------------
Contact spring
Copper alloy
Silver plated
----------------------
Rotation stopper
Synthetic resin
Black
UL94V-0
Crimp case
Synthetic resin
Black
UL94V-0
Signal contact
Copper alloy
Gold plated
----------------------
Floating screw
Stainless steel/Steel
----------------------/Trivalent chrome
----------------------
●Plug
Parts
Materials
Color/Finish
Remarks
Insulation case
Synthetic resin
Black
UL94V-0
Power contact
Brass/Copper alloy
Silver plated
----------------------
Rotation stopper
Synthetic resin
Black
UL94V-0
Cap
Synthetic resin
Black
UL94V-0
Crimp case
Synthetic resin
Black
UL94V-0
Signal contact
Copper alloy
Gold plated
----------------------
■Applications
●Storage Battery, UPS
 Usage example
System Side
Battery Side
Attached Table : Contact Resistance
Initial
After Test
100A
Power
0.6mø
0.8mø
Signal
5mø
10mø
200A
Power
0.5mø
0.7mø
Signal
5mø
10mø
300A
Power
0.3mø
0.5mø
Signal
35mø
40mø



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com