Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS2-2RS/9C/9C Datasheet(PDF) 4 Page - Hirose Electric

Part # PS2-2RS/9C/9C
Description  High Current Connector
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

PS2-2RS/9C/9C Datasheet(HTML) 4 Page - Hirose Electric

  PS2-2RS/9C/9C Datasheet HTML 1Page - Hirose Electric PS2-2RS/9C/9C Datasheet HTML 2Page - Hirose Electric PS2-2RS/9C/9C Datasheet HTML 3Page - Hirose Electric PS2-2RS/9C/9C Datasheet HTML 4Page - Hirose Electric PS2-2RS/9C/9C Datasheet HTML 5Page - Hirose Electric PS2-2RS/9C/9C Datasheet HTML 6Page - Hirose Electric PS2-2RS/9C/9C Datasheet HTML 7Page - Hirose Electric PS2-2RS/9C/9C Datasheet HTML 8Page - Hirose Electric PS2-2RS/9C/9C Datasheet HTML 9Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
PS2 Series●High Current Connector
●200A type
●300A type
PS2-18PC
PS2-6PC
PS2-2VP/42C
PS2-2WP/6C/6C
PS2-2VS/42C
PS2-2WS/6C/6C
PS2-42PC
PS2-18SC
PS2-42SC
PS2-6SC
PQ50S-1822SCFA or
PQ50S-1822SCA or
PQ50S-2428SCFA or
PQ50S-2428SCA
PS2-1618SCFA or
PS2-1618SCA
PQ50SA-1822PCFA or
PQ50SA-1822PCA or
PQ50SA-2428PCFA or
PQ50SA-2428PCA
PS2-1618PCFA or
PS2-1618PCA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com