Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS2-2RS/9C/9C Datasheet(PDF) 10 Page - Hirose Electric

Part # PS2-2RS/9C/9C
Description  High Current Connector
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

PS2-2RS/9C/9C Datasheet(HTML) 10 Page - Hirose Electric

Back Button PS2-2RS/9C/9C Datasheet HTML 4Page - Hirose Electric PS2-2RS/9C/9C Datasheet HTML 5Page - Hirose Electric PS2-2RS/9C/9C Datasheet HTML 6Page - Hirose Electric PS2-2RS/9C/9C Datasheet HTML 7Page - Hirose Electric PS2-2RS/9C/9C Datasheet HTML 8Page - Hirose Electric PS2-2RS/9C/9C Datasheet HTML 9Page - Hirose Electric PS2-2RS/9C/9C Datasheet HTML 10Page - Hirose Electric PS2-2RS/9C/9C Datasheet HTML 11Page - Hirose Electric PS2-2RS/9C/9C Datasheet HTML 12Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
PS2 Series●High Current Connector
BSafety Standards Certifications (UL, C-UL, TÜV)
The PS3C, PS3CS series has received safety certifications from the UL, C-UL, and TÜV under the
conditions provided in Table 1 and Table 2.
Table 1. Conditions for UL and C-UL
100A Type Condition
200A Type Condition
Rated Voltage (AC/DC)
600V
Rated Current
100A
200A
Cable
38sq, 2 AWG (Note 1)
80sq, 2/0 AWG (Note 1)
Creepage Distance (Note 2)
MIN : 3.2mm
Clearance (Note 2)
MIN : 3.2mm
Table 2. Conditions for TÜV
100A Type Condition
200A Type Condition
Rated Voltage (AC/DC)
1000V
Rated Current
100A
200A
Cable
38sq, 2 AWG
80sq, 2/0 AWG
Overvoltage Category
III
Contamination Level
3
Creepage Distance (Note 2)
MIN : 16mm
Clearance (Note 2)
MIN : 8mm
Insulation System
Basic insulation (Panel should be grounded)
Note 1 : Use the crimp contact combination recommended below. The use of other crimp contacts can affect
clearance and creepage distance.
If you choose to use a different contact combination, be sure to check the measurements for clearance
and creepage. Make sure that these conditions will meet the UL, C-UL and TÜV.
• Recommended crimp contacts
Cable 38sq : NICHIFU R38-6
Cable 80sq : NICHIFU R80-8
Note 2 : Subjects of clearance and creepage distance are as follows.
• Between the power contacts.
• Between the signal contacts.
• Between power contact and signal contact.
• Between power contact and panel.
• Between signal contact and panel.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com