Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L0806B100JSWST Datasheet(PDF) 1 Page - Kemet Corporation

Part # L0806B100JSWST
Description  KEMET, L-SWS, RF, 10 uH, 5%
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

L0806B100JSWST Datasheet(HTML) 1 Page - Kemet Corporation

  L0806B100JSWST Datasheet HTML 1Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
KEMET Part Number: L0806B100JSWST
KEMET, L-SWS, RF, 10 uH, 5%
Dimensions
Chip Size
0806
L
2mm +/-0.2mm
W
1.6mm +/-0.2mm
T
1.6mm +/-0.2mm
LL
0.5mm +/-0.2mm
Packaging Specifications
Packaging: T&R
Packaging Quantity: 2000
General Information
Series: L-SWS
Style: SMD Chip
RoHS: Yes
Specifications
Inductance: 10 uH (2.52 MHz)
Inductance Tolerance: 5%
Current: 215 mAmps (MAX)
DC Resistance: 1.2 Ohms
Self-Resonant Frequency: 27 MHz MIN
© 2006 - 2018 KEMET
Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and
we specifically disclaim - any warranty concerning suitability for a specific customer application or use. This Information is intended for use only by customers who have the
requisite experience and capability to determine the correct products for their application. Any technical advice inferred from this Information or otherwise provided by us
with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.
Generated 12/27/2018 - 6950ec96-158c-43dd-af81-40e9ae0119ce


Similar Part No. - L0806B100JSWST

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
L0806B100MDWST KEMET-L0806B100MDWST Datasheet
759Kb / 32P
Surface Mount Ferrite Products
More results

Similar Description - L0806B100JSWST

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
L0806B101JSWST KEMET-L0806B101JSWST Datasheet
55Kb / 1P
KEMET, L-SWS, RF, 100 uH, 5%
L0806B120JSWST KEMET-L0806B120JSWST Datasheet
55Kb / 1P
KEMET, L-SWS, RF, 12 uH, 5%
L0806B150JSWST KEMET-L0806B150JSWST Datasheet
55Kb / 1P
KEMET, L-SWS, RF, 15 uH, 5%
L0806B180JSWST KEMET-L0806B180JSWST Datasheet
55Kb / 1P
KEMET, L-SWS, RF, 18 uH, 5%
L0806B220JSWST KEMET-L0806B220JSWST Datasheet
55Kb / 1P
KEMET, L-SWS, RF, 22 uH, 5%
L0806B270JSWST KEMET-L0806B270JSWST Datasheet
55Kb / 1P
KEMET, L-SWS, RF, 27 uH, 5%
L0806B390JSWST KEMET-L0806B390JSWST Datasheet
56Kb / 1P
KEMET, L-SWS, RF, 39 uH, 5%
L0806B560JSWST KEMET-L0806B560JSWST Datasheet
55Kb / 1P
KEMET, L-SWS, RF, 56 uH, 5%
L0806B680JSWST KEMET-L0806B680JSWST Datasheet
55Kb / 1P
KEMET, L-SWS, RF, 68 uH, 5%
L0806B820JSWST KEMET-L0806B820JSWST Datasheet
55Kb / 1P
KEMET, L-SWS, RF, 82 uH, 5%
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com