Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT702 Datasheet(PDF) 1 Page - Hirose Electric

Part # HT702
Description  High Current Connector
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

HT702 Datasheet(HTML) 1 Page - Hirose Electric

  HT702 Datasheet HTML 1Page - Hirose Electric HT702 Datasheet HTML 2Page - Hirose Electric HT702 Datasheet HTML 3Page - Hirose Electric HT702 Datasheet HTML 4Page - Hirose Electric HT702 Datasheet HTML 5Page - Hirose Electric HT702 Datasheet HTML 6Page - Hirose Electric HT702 Datasheet HTML 7Page - Hirose Electric HT702 Datasheet HTML 8Page - Hirose Electric HT702 Datasheet HTML 9Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
2017.2
High Current Connector
PS2 Series
and signal contacts together in one unit with dedicated
power contacts to handle 100, 200 or 300 Amps.
2. Floating Structure
The structure allows up to ±2.5 mm of float in the X
and Y directions, which makes mating easier even
when the mating position is not clearly visible.
3. Sequential Contact System
This series utilizes sequential contacts, the power
contacts mate before the signal contacts. This prevents
incomplete mating and also prevents hot swapping.
4. Finger Protection Structure
For added safety, the plug side (battery side) is
designed to prevent shock hazard and provides
for more user safety and security.
5. Plug-in Design
Its unique plug-in design provides enhanced safety
features, reduced production costs related to its
installation and the maintenance of high current units.
Features
1. Power/Signal Hybrid Connector
The Hybrid design saves space by combining power
Risk of electric shock during cable wiring work
Battery installation is completed
Battery installation is completed
Cable wiring on site is eliminated and risk of accidental
touch to electrical lines is reduced.
Connector assembly
and wiring
(Installation)
Battery installation is completed
Old Battery
New Battery
Cable wiring on site is eliminated and risk of accidental touch
to electrical lines is reduced.
Battery module removal
Old Battery
New Battery
Risk of electric shock during cable removal work
Risk of electrical shock during battery module installation
(Maintenance)


Similar Part No. - HT702

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
HT702 HIROSE-HT702 Datasheet
464Kb / 8P
Interface Connector for Railway Applications
logo
Holtek Semiconductor In...
HT7022A HOLTEK-HT7022A Datasheet
131Kb / 16P
Voltage Detector
January 14, 2003
HT7022A HOLTEK-HT7022A Datasheet
165Kb / 12P
2.2V Voltage Detector
April 20, 2004
HT7022A-1 HOLTEK-HT7022A-1 Datasheet
161Kb / 16P
TinyPower Voltage Detector
January 26, 2006
HT7022A-1 HOLTEK-HT7022A-1 Datasheet
558Kb / 15P
TinyPowerTM Voltage Detector
April 30, 2013
More results

Similar Description - HT702

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CCLH080 CENTRAL-CCLH080 Datasheet
78Kb / 2P
HIGH CURRENT CURRENT LIMITING DIODE
logo
Seme LAB
BUX80 SEME-LAB-BUX80 Datasheet
21Kb / 2P
HIGH CURRENT HIGH SPEED
logo
Tyco Electronics
530521-6 MACOM-530521-6 Datasheet
176Kb / 2P
HOUSING,HIGH-CURRENT CONNECTOR.
logo
Molex Electronics Ltd.
171097-0250 MOLEX8-171097-0250 Datasheet
128Kb / 2P
EXTreme EnergetiC High-Current Connector System
logo
Nanjing International G...
CZT3055 DGNJDZ-CZT3055 Datasheet
219Kb / 1P
High Current
BD135 DGNJDZ-BD135 Datasheet
360Kb / 2P
High Current
logo
Texas Instruments
OPA544 TI1-OPA544_13 Datasheet
180Kb / 11P
High-Voltage, High-Current High-Voltage, High-Current
logo
Japan Aviation Electron...
DW05 JAE-DW05 Datasheet
1Mb / 9P
High-Current Connector
DW07 JAE-DW07 Datasheet
353Kb / 5P
High-current Busbar Connector
logo
Rectron Semiconductor
BCV47 RECTRON-BCV47 Datasheet
118Kb / 2P
High collector current High current gain Complementary
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com