Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT702 Datasheet(PDF) 3 Page - Hirose Electric

Part # HT702
Description  High Current Connector
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

HT702 Datasheet(HTML) 3 Page - Hirose Electric

  HT702 Datasheet HTML 1Page - Hirose Electric HT702 Datasheet HTML 2Page - Hirose Electric HT702 Datasheet HTML 3Page - Hirose Electric HT702 Datasheet HTML 4Page - Hirose Electric HT702 Datasheet HTML 5Page - Hirose Electric HT702 Datasheet HTML 6Page - Hirose Electric HT702 Datasheet HTML 7Page - Hirose Electric HT702 Datasheet HTML 8Page - Hirose Electric HT702 Datasheet HTML 9Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
PS2 SeriesHigh Current Connector
Product Number Structure
Refer to the chart below when determining the product specifications from the product number.
Please select from the product numbers listed in this catalog when placing orders.
●Connector
PS2 − 2 W P / 6C / 6C
❶❷
●Crimp Case
PS2 − 6
PC
❶❼
●Crimp Contact
PS2 − 1618 P C F A
Series name
No. of power contacts
R : 100A
V
: 200A
W
: 300A
P : Male
S : Female
Signal contact block 1
Signal contact block 2
No. of signal contacts
PC : Male crimp case
SC : Female crimp case
Applicable wires of signal contact 16-18 AWG
Crimp contact
F : Reel contacts
  None: Loose piece contacts
Gold plating
Functional Diagram
●100A type
PS2-9PC
PS2-2RP/9C/9C
PS2-9SC
PS2-2RS/9C/9C
PQ50S-1822SCFA or
PQ50S-1822SCA or
PQ50S-2428SCFA or
PQ50S-2428SCA
PQ50SA-1822PCFA or
PQ50SA-1822PCA or
PQ50SA-2428PCFA or
PQ50SA-2428PCA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com