Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3422G-S08-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # 3422G-S08-R
Description  HIGH PERFORMANCE DUAL BIPOLAR OPERATINAL AMPLIFIER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

3422G-S08-R Datasheet(HTML) 4 Page - Unisonic Technologies

  3422G-S08-R Datasheet HTML 1Page - Unisonic Technologies 3422G-S08-R Datasheet HTML 2Page - Unisonic Technologies 3422G-S08-R Datasheet HTML 3Page - Unisonic Technologies 3422G-S08-R Datasheet HTML 4Page - Unisonic Technologies 3422G-S08-R Datasheet HTML 5Page - Unisonic Technologies 3422G-S08-R Datasheet HTML 6Page - Unisonic Technologies 3422G-S08-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
3422
LINEAR INTEGRATED CIRCUIT
UNISONIC TECHNOLOGIES CO., LTD
4 of 7
www.unisonic.com.tw
QW-R105-029.G
ABSOLU T E M AX I M U M RAT I N GS
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VCC
±18 ~ 36
V
Differential Input Voltage (Note 1)
VID
±36
V
Input Voltage (Note 1)
VIN
±18
V
Output Short-Circuit Duration (Note 2)
Infinite
DIP-8/SOP-8
500
mW
Maximum Power Dissipation (Note 2)
DFN3030-8
PD
890
mW
Junction Temperature
TJ
+150
°C
Operating Temperature
TOPR
-40 ~ +125
°C
Storage Temperature
TSTG
-65 ~ +150
°C
Notes: 1. Either or both input voltages must not exceed the magnitude of VCC
+ or V
CC
-
2. Power dissipation must be considered to ensure maximum junction temperature (TJ) is not exceeded
OPERAT I N G CON DI T I ON S
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VCC
3 ~ 36
V



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com