Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3422G-S08-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # 3422G-S08-R
Description  HIGH PERFORMANCE DUAL BIPOLAR OPERATINAL AMPLIFIER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

3422G-S08-R Datasheet(HTML) 1 Page - Unisonic Technologies

  3422G-S08-R Datasheet HTML 1Page - Unisonic Technologies 3422G-S08-R Datasheet HTML 2Page - Unisonic Technologies 3422G-S08-R Datasheet HTML 3Page - Unisonic Technologies 3422G-S08-R Datasheet HTML 4Page - Unisonic Technologies 3422G-S08-R Datasheet HTML 5Page - Unisonic Technologies 3422G-S08-R Datasheet HTML 6Page - Unisonic Technologies 3422G-S08-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
UNI SONI C TECHNOLOGI ES CO., LTD
3422
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 7
Copyright © 2018 Unisonic Technologies Co., Ltd
QW-R105-029.G
H I GH PERFORM AN CE DU AL
BI POLAR OPERAT I N AL
AM PLI FI ER
DESCRI PT I ON
The UTC 3422 is a dual high performances operational
amplifier featuring speed of 25MHz and single supply
operation from 3V ~ 36V.
The UTC 3422 is therefore an enhanced replacement of
standard dual operational amplifiers.
FEAT U RES
* Single Supply Operation: 3V ~ 36V
* Dual Supply Operation: ±1.5V ~ ±18V
* High Gain Bandwidth Product: 25MHz
* High Slew Rate: 15V/
μs
* Low Voltage Noise: 14nV/
√Hz
* No Phase Inversion
* ESD Tolerance: 2KV
* Latch-Up Immunity
ORDERI N G I N FORM AT I ON
Ordering Number
Lead Free
Halogen Free
Package
Packing
3422L-D08-T
3422G-D08-T
DIP-8
Tube
3422L-S08-R
3422G-S08-R
SOP-8
Tape Reel
3422L-K08-3030-R
3422G-K08-3030-R
DFN3030-8
Tape Reel
3422G-D08-T
(1)Packing Type
(2)Package Type
(3)Green Package
(1) R: Tape Reel, T: Tube
(2) D08: DIP-8, S08: SOP-8, K08-3030: DFN3030-8
(3) G: Halogen Free and Lead Free, L: Lead Free


Similar Part No. - 3422G-S08-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
3422G-S08-R UTC-3422G-S08-R Datasheet
241Kb / 6P
HIGH PERFORMANCE DUAL BIPOLAR OPERATINAL AMPLIFIER
3422G-S08-R UTC-3422G-S08-R Datasheet
281Kb / 5P
HIGH PERFORMANCE DUAL BIPOLAR OPERATINAL AMPLIFIER
More results

Similar Description - 3422G-S08-R

ManufacturerPart #DatasheetDescription
logo
NEC
UPC4558 NEC-UPC4558 Datasheet
309Kb / 10P
HIGH PERFORMANCE DUAL OPERATIONAL AMPLIFIER???
UPC4559 NEC-UPC4559 Datasheet
207Kb / 8P
HIGH PERFORMANCE DUAL OPERATIONAL AMPLIFIER????
logo
STMicroelectronics
TSH22 STMICROELECTRONICS-TSH22 Datasheet
539Kb / 11P
HIGH PERFORMANCE DUAL BIPOLAR OPERATINAL AMPLIFIER
Nov-2001
TSH24 STMICROELECTRONICS-TSH24 Datasheet
538Kb / 11P
HIGH PERFORMANCE QUAD BIPOLAR OPERATIONAL AMPLIFIER
Nov-2001
logo
Sanyo Semicon Device
LA6358NM SANYO-LA6358NM Datasheet
105Kb / 4P
High-Performance Dual Operational Amplifier
logo
Unisonic Technologies
3422 UTC-3422 Datasheet
178Kb / 8P
HIGH PERFORMANCE DUAL BIPOLAR OPERATINAL AMPLIFIER
logo
STMicroelectronics
LS204 STMICROELECTRONICS-LS204_08 Datasheet
327Kb / 16P
High performance dual operational amplifier
04-Jun-2008
logo
Unisonic Technologies
3422 UTC-3422_11 Datasheet
241Kb / 6P
HIGH PERFORMANCE DUAL BIPOLAR OPERATINAL AMPLIFIER
logo
Sanyo Semicon Device
LA6358NMM SANYO-LA6358NMM_08 Datasheet
281Kb / 6P
High-Performance Dual Operational Amplifier
logo
Unisonic Technologies
3422 UTC-3422_15 Datasheet
281Kb / 5P
HIGH PERFORMANCE DUAL BIPOLAR OPERATINAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com