Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT82V842 Datasheet(PDF) 9 Page - Holtek Semiconductor Inc

Part # HT82V842
Description  CCD CDS/PGA/10b-20M-ADC
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82V842 Datasheet(HTML) 9 Page - Holtek Semiconductor Inc

Back Button HT82V842 Datasheet HTML 5Page - Holtek Semiconductor Inc HT82V842 Datasheet HTML 6Page - Holtek Semiconductor Inc HT82V842 Datasheet HTML 7Page - Holtek Semiconductor Inc HT82V842 Datasheet HTML 8Page - Holtek Semiconductor Inc HT82V842 Datasheet HTML 9Page - Holtek Semiconductor Inc HT82V842 Datasheet HTML 10Page - Holtek Semiconductor Inc HT82V842 Datasheet HTML 11Page - Holtek Semiconductor Inc HT82V842 Datasheet HTML 12Page - Holtek Semiconductor Inc HT82V842 Datasheet HTML 13Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
HT82V842
Rev. 1.00
9
July 15, 2004
Register Operations
Control
Operations
D9 D8 D7 D6 D5 D4 D3 D2 D1 D0
Mode 1
DOUT timing control
0
DOUT synchronizes to ADCK
1
DOUT synchronizes to OUTCK
OUTCK polarity
0
DOUT changes at OUTCK rising edge
1
DOUT changes at OUTCK falling edge
ADCK polarity
0
Normal operation as timing chart
1
ADCK clock inversion
ADIN connection
0
0
ADIN function OFF
0
1
ADIN signal to PGA
1
x
ADIN signal to ADC
Reserved
0
Reserved
1
Reserved
ADC output
0
Normal operation, ADC data output
1
ADC output high-Z, or logic of STBY
Black level reset
0
Normal operation
1
Black level reset, or logic of RESET
Power down
0 Normal operation
1 Power down, or logic of STBY
Mode 2
Clamp current
0
Normal clamp
±50mA
1
Fast clamp
±100mA
ADIN clamp
0
Clamp operation active for ADIN
1
No clamp for ADIN
Clamp target
0
0
Normal mode, clamp both REFIN and CCDIN
0
1
Clamp REFIN only
1
0
Clamp CCDIN only
1
1
Clamp off
S/H, enable logic
0
0
Normal operation as timing chart
0
1
S/H control polarity inversion
1
0
Enable control polarity inversion
1
1
Both of S/H and enable inversion
Monitor selection
0
0 Monitor off
0
1 CDS signal to monitor
1
0 PGA output monitor
1
1 Output REFIN and CCDIN
Mode 3
CDS gain control
0
0
CDS gain=odB
0
1
CDS gain=6.02dB
1
0
CDS gain=12.04dB
11
CDS gain=
-1.94dB
Black loop gain boost
0
Boost control on
1
Always high gain



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com