Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT82V842 Datasheet(PDF) 13 Page - Holtek Semiconductor Inc

Part # HT82V842
Description  CCD CDS/PGA/10b-20M-ADC
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82V842 Datasheet(HTML) 13 Page - Holtek Semiconductor Inc

Back Button HT82V842 Datasheet HTML 9Page - Holtek Semiconductor Inc HT82V842 Datasheet HTML 10Page - Holtek Semiconductor Inc HT82V842 Datasheet HTML 11Page - Holtek Semiconductor Inc HT82V842 Datasheet HTML 12Page - Holtek Semiconductor Inc HT82V842 Datasheet HTML 13Page - Holtek Semiconductor Inc HT82V842 Datasheet HTML 14Page - Holtek Semiconductor Inc HT82V842 Datasheet HTML 15Page - Holtek Semiconductor Inc HT82V842 Datasheet HTML 16Page - Holtek Semiconductor Inc HT82V842 Datasheet HTML 17Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
Control Interface Timing
VSS=0V, Ta=25
°C)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
SCYC
SCK Clock Frequency
3.0V
¾¾
¾
10
MHz
SLO
SCK Clock Low Level Width
3.0V
¾
40
¾¾
ns
SHI
SCK Clock High Level Width
3.0V
¾
40
¾¾
ns
SSU
Data Setup Time Period
3.0V
¾
20
¾¾
ns
SH
Data hold Time Period
3.0V
¾
20
¾¾
ns
SR
SCK, CS Rising Time Period
3.0V 30%
®70%
¾¾
6ns
SF
SCK, CS Falling Time Period
3.0V 70%
®30%
¾¾
6ns
SNUM
Number of Serial Data
3.0V
¾¾
16
¾
pcs
Data Output Sequence
HT82V842
Rev. 1.00
13
July 15, 2004
S D A T A
S C K
C S
5 0 % V D D
5 0 % V D D
5 0 % V D D
S H
S H
S S U
S N U M
S S U
S C Y C
S L O
S H I
O 0
O 1
A 0 . . .
D 8
D 9
Serial I/F Timing Chart
C C D
S H R
S H D
A D C K
O U T C K
B L K
D O 0 ~ D O 9
0
1
2
3
4
5
6
7
8
B l a c k L e v e l C o d e
0
1
2
3
Pixel Data Readout Sequence (1): Start of Conversion



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com