Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IC-MSC Datasheet(PDF) 13 Page - IC-Haus GmbH

Part # IC-MSC
Description  SIN/COS SIGNAL CONDITIONER WITH FAIL-SAFE 1 Vpp LINE DRIVER
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-MSC Datasheet(HTML) 13 Page - IC-Haus GmbH

Back Button IC-MSC Datasheet HTML 9Page - IC-Haus GmbH IC-MSC Datasheet HTML 10Page - IC-Haus GmbH IC-MSC Datasheet HTML 11Page - IC-Haus GmbH IC-MSC Datasheet HTML 12Page - IC-Haus GmbH IC-MSC Datasheet HTML 13Page - IC-Haus GmbH IC-MSC Datasheet HTML 14Page - IC-Haus GmbH IC-MSC Datasheet HTML 15Page - IC-Haus GmbH IC-MSC Datasheet HTML 16Page - IC-Haus GmbH IC-MSC Datasheet HTML 17Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 35 page
background image
prel
imin
ary
prel
imin
ary
iC-MSC SIN/COS SIGNAL CONDITIONER
WITH FAIL-SAFE 1 Vpp LINE DRIVER
Rev A2, Page 13/35
ELECTRICAL CHARACTERISTICS
Operating conditions: VDD = 4.3...5.5 V, Tj = -40...140 °C, IBN calibrated to 200 µA, reference point GNDS, unless otherwise stated.
Item
Symbol
Parameter
Conditions
Unit
No.
Min.
Typ.
Max.
D10 tbusy()err
End Of I2C Communication; Time
Until I2C Slave Is Enabled
IBN not calibrated;
V(SDA) = 0 V
4
12
ms
V(SCL) = 0 V or arbitration lost
indef.
ms
no EEPROM
45
135
ms
CRC ERROR
95
285
ms
D11 td()
Start Of Master Activity On I2C
Protocol Error
SCL without clock signal: V(SCL) = constant;
IBN not calibrated
25
80
240
µs
IBN calibrated to 200 µA
64
80
120
µs
D12 td()i2c
Delay for I2C-Slave-Mode Enable no EEPROM, V(SDA) = 0 V
4
6.2
ms
Temperature Monitoring
E01 VTs
Temperature Sensor Voltage
VTs() = VDDS − V(PS), Tj = 27 °C,
600
650
700
mV
Calibration Mode 3, no load
E02 TCs
Temp. Co. of Temperature Sen-
sor Voltage
-1.8
mV/K
E03 VTth
Temperature Warning Activation
Threshold
VTth() = VDDS − V(NS), Tj = 27 °C,
Calibration Mode 3, no load;
CFGTA(3:0) = 0x00
260
310
360
mV
CFGTA(3:0) = 0x0F
470
550
630
mV
E04 TCth
Temp. Co. Temperature Warning
Activation Threshold
0.06
%/K
E05 Thys
Temperature Warning Hysteresis Tj = 27 °C
4
12
20
°C
E06 ∆T
Relative Shutdown Temperature ∆T = Toff − Tw, Tj = 27 °C
4
12
20
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com