Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IC-MSC Datasheet(PDF) 21 Page - IC-Haus GmbH

Part # IC-MSC
Description  SIN/COS SIGNAL CONDITIONER WITH FAIL-SAFE 1 Vpp LINE DRIVER
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-MSC Datasheet(HTML) 21 Page - IC-Haus GmbH

Back Button IC-MSC Datasheet HTML 17Page - IC-Haus GmbH IC-MSC Datasheet HTML 18Page - IC-Haus GmbH IC-MSC Datasheet HTML 19Page - IC-Haus GmbH IC-MSC Datasheet HTML 20Page - IC-Haus GmbH IC-MSC Datasheet HTML 21Page - IC-Haus GmbH IC-MSC Datasheet HTML 22Page - IC-Haus GmbH IC-MSC Datasheet HTML 23Page - IC-Haus GmbH IC-MSC Datasheet HTML 24Page - IC-Haus GmbH IC-MSC Datasheet HTML 25Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 35 page
background image
prel
imin
ary
prel
imin
ary
iC-MSC SIN/COS SIGNAL CONDITIONER
WITH FAIL-SAFE 1 Vpp LINE DRIVER
Rev A2, Page 21/35
TEST MODE
iC-MSC switches to test mode if a voltage larger
than VTMon is applied to pin ERR (precondition:
TMODE(0) = 1). In response iC-MSC transmits its con-
figuration settings as current-modulated data using I/O
pin ERR either directly from the RAM (for TMEM = 1)
or after re-reading the EEPROM (for TMEM = 0). If the
voltage at pin ERR falls below VTMoff, test mode is
terminated and data transmission aborted.
The clock rate for the data output is determined by
ENFAST. Two clock rates can be selected: 780 ns for
ENFAST = 1 or 3.125 µs for ENFAST = 0 (see Electri-
cal Characteristics, D08, for clock frequency and toler-
ances).
Data is output in Manchester code via two clock pulses
per bit. To do this the lowside current source switches
between a Z state (OFF = 0 mA) and an L state (ON =
2 mA).
The bit information lies in the direction of the current
source switch:
Zero bit: change of state Z → L (OFF to ON)
One bit: Change of state L → Z (ON to OFF)
Transmission consists of a start bit (a one bit), 8 data
bits and a pause interval in Z state (the timing is identi-
cal to the communication with an EEPROM via the I2C
interface).
Example: byte value = 1000 1010
Transmission including the start bit: 1 1000 1010
In Manchester code: LZ LZZL ZLZL LZZL LZZL
Decoding of the data stream:
ZZZZZZ LZ LZ ZL ZL ZL LZ ZL LZ ZL ZZZZZZ
Pause 1 1 0 0 0 1 0 1 0 Pause
If test mode is quit with TMODE = 0x00, iC-MSC contin-
ues operation without any interruption.
If test mode is quit with TMODE > 0x00, then iC-MSC
again reads out its configuration from the EEPROM
accessible at the device ID stored in DEVID(6:0) of ad-
dress 0x00.
In TMODE = 0x03 the EEPROM is read completely; in
all other cases only the address range 0x00 to 0x21 is
read to keep the configuration time for device testing
short.
Note: The device ID for the EEPROM can be en-
tered in register DEVID(6:0) (address 0x00), from which
iC-MSC will take its configuration after exiting test mode.
The DEVID(6:0) stored therein is then accepted.
TMODE
Addr. 0x15, bit 7:6
Code
Function during test
mode
Function following test
mode
00
Normal operation
Normal operation
01
TMEM = 0:
Transmission of
EEPROM data
0x1B-0x7F:
OEM data (4 bytes) and
registered errors
Repeated read out of
EEPROM
(MODE = 0: 0x00-0x7F)
(MODE > 0: 0x00-0x21)
TMEM = 1:
Transmission of
RAM data 0x3B-0x43:
OEM data (4 bytes) and
current errors
10
Normal operation
Repeated read out of
EEPROM
(MODE = 0: 0x00-0x7F)
(MODE > 0: 0x00-0x21)
11
Transmission of
EEPROM data
(0x00-0x7F)
Repeated read out of
EEPROM
(0x00-0x7F)
Table 17: Test Mode Functions
TMEM
Addr. 0x18, bit 7
Code
Memory selection
0
EEPROM
1
iC-MSC RAM (ENSL = 1)
Table 18: Test Mode Memory Selection
DATA_ON
AD8029
U22-S
-
M21
100nF
LM393
8
R27
dra_mq1d_error_schem
-
NDIS
6
max. 5V
2
GND
+
U22-A
C25
365k
+
7
LM393
2K
8
U23-B
3
100nF
R22
2N7002
C21
LM393
U21
LM285
R28
51k
5
7
6
100nF
R23
AD8029
VP
C23
470
4
LL4148
5
C24
M22
IRLML6401
-
VP
100pF
VP
U23-A
LM393
C22
100nF
R28
U23-S
R27
R25
100k
R25
2k
100nF
C26
VP
ERR
JP4
C26
M21
2N7002
VDD
VDD
DATA_ON
2K
LM393
U23-B
100k
R26
M22
LM285
2
LM393
C23
100k
R22
365k
AD8029
U22-A
C24
VP
VP
475k
R21
1
U22-S
AD8029
U21
51k
100nF
D21
U23-S
+
VP
8
R24
4
DATA_OUT
100nF
C21
JP4
470
R24
R21
475k
LL4148
D21
100pF
C25
100nF
2k
IRLML6401
VN
R26
100k
R23
3
U23-A
100nF
VP
4
DATA_OUT
100nF
C22
Figure 1: Example circuit for the decoding and con-
version of the current-modulated signals to
logic levels.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com