Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9155-000 Datasheet(PDF) 5 Page - AVX Corporation

Part # 9155-000
Description  Standard 2.5mm Pitch Battery
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

9155-000 Datasheet(HTML) 5 Page - AVX Corporation

  9155-000 Datasheet HTML 1Page - AVX Corporation 9155-000 Datasheet HTML 2Page - AVX Corporation 9155-000 Datasheet HTML 3Page - AVX Corporation 9155-000 Datasheet HTML 4Page - AVX Corporation 9155-000 Datasheet HTML 5Page - AVX Corporation 9155-000 Datasheet HTML 6Page - AVX Corporation 9155-000 Datasheet HTML 7Page - AVX Corporation 9155-000 Datasheet HTML 8Page - AVX Corporation 9155-000 Datasheet HTML 9Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
CONNECT
INTERCONNECT
INTER
Standard 2.5mm Pitch Battery
9155-000
STANDARD BATTERY – MATING PADS
NOTES:
1. SUGGESTED MATING PADS FOR STANDARD BATTERY CONNECTORS.
2. OUTLINE OF CONNECTOR.
3. PREFERED PLATING ON PADS GOLD OVER NICKEL.
4. PAD LENGTH MAY REQUIRE ADJUSTMENT OF MATCH THE CUSTOMERS ASSEMBLY.
5. REFERENCE DIMENSIONS.
3 WAY MATING PADS
4 WAY MATING PADS
5 WAY MATING PADS



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com