Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9155-000 Datasheet(PDF) 1 Page - AVX Corporation

Part # 9155-000
Description  Standard 2.5mm Pitch Battery
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

9155-000 Datasheet(HTML) 1 Page - AVX Corporation

  9155-000 Datasheet HTML 1Page - AVX Corporation 9155-000 Datasheet HTML 2Page - AVX Corporation 9155-000 Datasheet HTML 3Page - AVX Corporation 9155-000 Datasheet HTML 4Page - AVX Corporation 9155-000 Datasheet HTML 5Page - AVX Corporation 9155-000 Datasheet HTML 6Page - AVX Corporation 9155-000 Datasheet HTML 7Page - AVX Corporation 9155-000 Datasheet HTML 8Page - AVX Corporation 9155-000 Datasheet HTML 9Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1
CONNECT
INTER
Standard 2.5mm Pitch Battery
9155-000
The standard battery connector is specifically designed for mobile
equipment.
The connectors are available in 3, 4 and 5 contact positions all on a 2.50mm
pitch. The insulator height provides a 3mm spacing, with various contact
nose heights from 1.20mm to 2.60mm, to provide spacing options to the
end user.
All contacts are stamped and are rated to 3A, with Gold plating. Parts are
supplied in tape and reel for automatic pick and place. Optional retaining
brackets are available to provide greater strength when connected to the
PCB.
Whatever your requirements, the 9155 series Battery Connector can also be
customized to suit your applications.
CONNECT
INTER
ELECTRICAL
• Current Rating: 3 Amp / Contact
• Voltage Rating: 125 VAC
ENVIRONMENTAL
• Operating Temperature:
-40ºC to +125ºC
MECHANICAL
• Insulator Material: Glass-Filled Nylon 46;
UL94 V-O
• Contact Material: Beryllium Copper
• Plating: Gold over Nickel
• Durability: 5000 Cycles
FEATURES AND BENEFITS
• Suitable for 5000 mechanical cycles.
• Variety of contact heights offered to suit different mechanical designs.
• Connectors can be end to end stackable.
• RoHS Compliant available.
APPLICATIONS
• Mobile Phones
• PDA
• Medical
• PMR
• Industrial
00X
No of
Ways
3 = 003
4 = 004
5 = 005
X
Contact Height
1 = 1.20 (0.047) / 1.65 (0.064)
2 = 1.80 (0.071) / 2.10 (0.083)
3 = 2.30 (0.091) / 2.60 (0.102)
01
Bracket
01 = With Bracket
HOW TO ORDER
STANDARD
00
Prefix
00 = Standard
58 = Special
9155
Series
00
Standard Battery
Connector
00 = Standard Force
X
Plating Option
6 = 0.4μm Selective Gold,
Standard
8 = 0.8μm Selective Gold,
Special Order
00X
No of
Ways
3 = 003
4 = 004
5 = 005
X
Contact Height
1 = 1.20 (0.047) / 1.50 (0.059)
2 = 1.80 (0.071) / 2.10 (0.083)
3 = 2.30 (0.091) / 2.60 (0.102)
01
Bracket
01 = With Bracket
REDUCED NOSE
00
Prefix
00 = Standard
58 = Special
9155
Series
05
Standard Battery
Connector
05 = Reduced Nose
X
Plating Option
6 = 0.4μm Selective Gold,
Standard
8 = 0.8μm Selective Gold,
Special Order


Similar Part No. - 9155-000

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
9155-100 AVX-9155-100 Datasheet
1Mb / 6P
Ultra-Low Profile 2.5mm Pitch Battery
9155-200 AVX-9155-200 Datasheet
765Kb / 6P
Reduced Battery 2.5mm Pitch
9155-300 AVX-9155-300 Datasheet
865Kb / 7P
Right Angle 3.0mm Pitch Battery
logo
Kyocera Kinseki Corpota...
9155-500 KSS-9155-500 Datasheet
701Kb / 7P
Right Angle 2.5mm Pitch 9155-500
logo
AVX Corporation
9155-700 AVX-9155-700 Datasheet
2Mb / 13P
Right Angle 2.0mm Pitch Connector
More results

Similar Description - 9155-000

ManufacturerPart #DatasheetDescription
logo
SUYIN USA, INC.
060131MA SUYIN-USA-060131MA Datasheet
111Kb / 1P
2.5mm PITCH BATTERY CONNECTOR
250007MA SUYIN-USA-250007MA Datasheet
124Kb / 1P
2.5mm PITCH BATTERY CONNECTOR
250007MA003XX00XX SUYIN-USA-250007MA003XX00XX Datasheet
95Kb / 1P
2.5mm Pitch Battery Connector
250007MA003XX04XX SUYIN-USA-250007MA003XX04XX Datasheet
89Kb / 1P
2.5mm Pitch Battery Connector
250040MA004XX00XX SUYIN-USA-250040MA004XX00XX Datasheet
44Kb / 1P
2.5mm PITCH BATTERY CONNECTOR
250103MR SUYIN-USA-250103MR Datasheet
175Kb / 1P
2.5mm PITCH BATTERY CONNECTOR
250117MA SUYIN-USA-250117MA Datasheet
145Kb / 1P
2.5mm PITCH BATTERY CONNECTOR
250117MA003XX00XX SUYIN-USA-250117MA003XX00XX Datasheet
98Kb / 1P
2.5mm Pitch Battery
250117MA003XX04XX SUYIN-USA-250117MA003XX04XX Datasheet
78Kb / 1P
2.5mm Pitch Battery
logo
AVX Corporation
9155-200 AVX-9155-200 Datasheet
765Kb / 6P
Reduced Battery 2.5mm Pitch
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com