Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

71421LA55TFG8 Datasheet(PDF) 14 Page - Integrated Device Technology

Part # 71421LA55TFG8
Description  HIGH SPEED 2K X 8 DUAL-PORT STATIC RAM
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

71421LA55TFG8 Datasheet(HTML) 14 Page - Integrated Device Technology

Back Button 71421LA55TFG8 Datasheet HTML 10Page - Integrated Device Technology 71421LA55TFG8 Datasheet HTML 11Page - Integrated Device Technology 71421LA55TFG8 Datasheet HTML 12Page - Integrated Device Technology 71421LA55TFG8 Datasheet HTML 13Page - Integrated Device Technology 71421LA55TFG8 Datasheet HTML 14Page - Integrated Device Technology 71421LA55TFG8 Datasheet HTML 15Page - Integrated Device Technology 71421LA55TFG8 Datasheet HTML 16Page - Integrated Device Technology 71421LA55TFG8 Datasheet HTML 17Page - Integrated Device Technology 71421LA55TFG8 Datasheet HTML 18Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
6.42
IDT71321SA/LA and IDT71421SA/LA
High Speed 2K x 8 Dual-Port Static RAM with Interrupts
Industrial and Commercial Temperature Ranges
14
Timing Waveform of Interrupt Mode(1)
Se t INT
Cle a r INT
NOTES:
1. All timing is the same for left and right ports. Port “A” may be either left or right port. Port “B” is the opposite from port “A”.
2. See Interrupt Truth Table.
3. Timing depends on which enable signal (CE or R/W) is asserted last.
4. Timing depends on which enable signal (CE or R/W) is de-asserted first.
AC Ele c t ric a l Cha ra c t e rist ic s Ove r t he
Ope rat ing Te m pe ra t ure Supply Volt a ge Ra nge (1)
NOTE:
1. 'X' in part numbers indicates power rating (SA or LA).
tINS
ADDR"A"
INT"B"
INTERRUPT ADDRESS
tWC
tAS
R/W"A"
tWR
2691 drw 14
(3)
(3)
(2)
(4)
tRC
INTERRUPT CLEAR ADDRESS
ADDR"B"
OE"B"
tINR
INT"B"
2691 drw 15
tAS(3)
(3)
(2)
,
71321X35
71421X35
Com'l Only
71321X55
71421X55
Com'l
& Ind
Symbol
Parameter
Min.Max.Min.Max.
Unit
INTERRUPT TIMING
tAS
Address Set-up Time
0
____
0
____
ns
tWR
Write Recovery Time
0
____
0
____
ns
tINS
Interrupt Set Time
____
25
____
45
ns
tINR
Interrupt Reset Time
____
25
____
45
ns
2691 tbl 11b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com