Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

71421LA55TFG8 Datasheet(PDF) 3 Page - Integrated Device Technology

Part # 71421LA55TFG8
Description  HIGH SPEED 2K X 8 DUAL-PORT STATIC RAM
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

71421LA55TFG8 Datasheet(HTML) 3 Page - Integrated Device Technology

  71421LA55TFG8 Datasheet HTML 1Page - Integrated Device Technology 71421LA55TFG8 Datasheet HTML 2Page - Integrated Device Technology 71421LA55TFG8 Datasheet HTML 3Page - Integrated Device Technology 71421LA55TFG8 Datasheet HTML 4Page - Integrated Device Technology 71421LA55TFG8 Datasheet HTML 5Page - Integrated Device Technology 71421LA55TFG8 Datasheet HTML 6Page - Integrated Device Technology 71421LA55TFG8 Datasheet HTML 7Page - Integrated Device Technology 71421LA55TFG8 Datasheet HTML 8Page - Integrated Device Technology 71421LA55TFG8 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
6.42
IDT71321SA/LA and IDT71421SA/LA
High Speed 2K x 8 Dual-Port Static RAM with Interrupts
Industrial and Commercial Temperature Ranges
3
Absolut e M a x im um Ra t ings(1)
NOTES:
1. Stresses greater than those listed under ABSOLUTE MAXIMUM RATINGS
may cause permanent damage to the device. This is a stress rating only
and functional operation of the device at these or any other conditions
above those indicated in the operational sections of the specification is not
implied. Exposure to absolute maximum rating conditions for extended
periods may affect reliability.
2. VTERM must not exceed VCC + 10% for more than 25% of the cycle time or 10ns
maximum, and is limited to < 20mA for the period of VTERM > VCC + 10%.
Symbol
Rating
Commercial
& Industrial
Unit
VTERM(2)
Terminal Voltage
with Respect
to GND
-0.5 to +7.0
V
TBIAS
Temperature
Under Bias
-55 to +125
oC
TSTG
Storage
Temperature
-65 to +150
oC
IOUT
DC Output
Current
50
mA
2691 tbl 01
Re c om m e nde d DC Ope ra t ing
Conditions
NOTES:
1. VIL (min.) = -1.5V for pulse width less than 10ns.
2. VTERM must not exceed Vcc + 10%.
Symbol
Parameter
Min.
Typ.
Max.
Unit
VCC
Supply Voltage
4.5
5.0
5.5
V
GND
Ground
0
0
0
V
VIH
Input High Voltage
2.2
____
6.0(2)
V
VIL
Input Low Voltage
-0.5(1)
____
0.8
V
2691 tbl 03
Re c om m e nde d Ope ra t ing
Te m pe ra t ure a nd Supply Volt a ge (1,2)
NOTES:
1. This is the parameter TA. This is the "instant on" case temperature.
2. Industrial temperature: for specific speeds, packages and powers contact your
sales office.
Grade
Ambient
Temperature
GND
Vcc
Commercial
0OC to +70OC0V
5.0V
+ 10%
Industrial
-40OC to +85OC0V
5.0V
+ 10%
2691 tbl 02
Capacitance(1)
(T A = +2 5 °C, f = 1 .0 M H z) T QFP Only
NOTES:
1. This parameter is determined by device characterization but is not production
tested.
2. 3dv references the interpolated capacitance when the input and output signals
switch from 0V to 3V or from 3V to 0V.
Symbol
Parameter
Conditions(2)
Max.
Unit
CIN
Input Capacitance
VIN = 3dV
9
pF
COUT
Output Capacitance
VOUT = 3dV
10
pF
2691 tbl 00
Pin Configura t ions (c ont inue d)(1,2,3)
NOTES:
1. All VCC pins must be connected to power supply.
2. All GND pins must be connected to ground supply.
3. PP52 package body is approximately 10mm x 10mm x 1.4mm.
4. Thispackagecodeisusedtoreferencethepackagediagram.
INDEX
71321/421
PP52(4)
8
9
10
11
12
1
2
3
4
5
6
7
13
A0R
A1R
A2R
A3R
A4R
A5R
A6R
OER
A7R
A8R
A9R
I/O7R
N/C
I/O2L
A1L
A2L
A3L
A4L
A5L
A6L
A7L
A8L
I/O0L
I/O1L
I/O3L
A9L
2691 drw 03a
,
32
31
30
29
28
39
38
37
36
35
34
33
27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com