Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

71421LA55PFGI Datasheet(PDF) 1 Page - Integrated Device Technology

Part # 71421LA55PFGI
Description  HIGH SPEED 2K X 8 DUAL-PORT STATIC RAM
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

71421LA55PFGI Datasheet(HTML) 1 Page - Integrated Device Technology

  71421LA55PFGI Datasheet HTML 1Page - Integrated Device Technology 71421LA55PFGI Datasheet HTML 2Page - Integrated Device Technology 71421LA55PFGI Datasheet HTML 3Page - Integrated Device Technology 71421LA55PFGI Datasheet HTML 4Page - Integrated Device Technology 71421LA55PFGI Datasheet HTML 5Page - Integrated Device Technology 71421LA55PFGI Datasheet HTML 6Page - Integrated Device Technology 71421LA55PFGI Datasheet HTML 7Page - Integrated Device Technology 71421LA55PFGI Datasheet HTML 8Page - Integrated Device Technology 71421LA55PFGI Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
©2018 Integrated Device Technology, Inc.
FEBRU ARY 2 0 1 8
DSC-2691/16
1
HIGH SPEED
2K X 8 DUAL-PORT
STATIC RAM
WITH INTERRUPTS
IDT71321SA/LA
IDT71421SA/LA
Features
◆
◆
◆
◆
◆
High-speed access
– Commercial: 20/25/35/55ns (max.)
– Industrial: 25/55ns (max.)
◆
◆
◆
◆
◆
Low-power operation
– IDT71321/IDT71421SA
— Active: 325mW (typ.)
— Standby: 5mW (typ.)
– IDT71321/421LA
— Active: 325mW (typ.)
— Standby: 1mW (typ.)
◆
◆
◆
◆
◆
Two INT flags for port-to-port communications
Func t iona l Bloc k Dia gra m
NOTES:
1.
IDT71321(MASTER): BUSYisopendrainoutputandrequirespullupresistorof270
Ω.
IDT71421 (SLAVE): BUSY is input.
2. Open drain output: requires pullup resistor of 270
Ω.
◆
◆
◆
◆
◆
MASTER IDT71321 easily expands data bus width to 16-or-
more-bits using SLAVE IDT71421
◆
◆
◆
◆
◆
On-chip port arbitration logic (IDT71321 only)
◆
◆
◆
◆
◆
BUSY output flag on IDT71321; BUSY input on IDT71421
◆
◆
◆
◆
◆
Fully asynchronous operation from either port
◆
◆
◆
◆
◆
Battery backup operation – 2V data retention (LA only)
◆
◆
◆
◆
◆
TTL-compatible, single 5V ±10% power supply
◆
◆
◆
◆
◆
Available in 52-Pin PLCC, 52-Pin STQFP, 64-Pin TQFP, and
64-Pin STQFP
◆
◆
◆
◆
◆
Industrial temperature range (–40°C to +85°C) is available
for selected speeds
◆
◆
◆
◆
◆
Green parts available, see ordering information
I/O
Control
Address
Decoder
MEMORY
ARRAY
ARBITRATION
and
INTERRUPT
LOGIC
Address
Decoder
I/O
Control
R/WL
CEL
OEL
BUSYL
A10L
A0L
2691 drw 01
I/O0L- I/O7L
CEL
OEL
R/WL
INTL
BUSYR
I/O0R-I/O7R
A10R
A0R
INTR
CER
OER
(2)
(1,2)
(1,2)
(2)
R/WR
CER
OER
R/WR
11
11
LEAD FINISH (SnPb) ARE IN EOL PROCESS - LAST TIME BUY EXPIRES JUNE 15, 2018


Similar Part No. - 71421LA55PFGI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
71421LA55PFGI IDT-71421LA55PFGI Datasheet
143Kb / 17P
HIGH SPEED 2K X 8 DUAL-PORT STATIC RAM
More results

Similar Description - 71421LA55PFGI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7132SA IDT-IDT7132SA Datasheet
175Kb / 11P
HIGH-SPEED 2K x 8 DUAL-PORT STATIC RAM
logo
Cypress Semiconductor
CY7C132 CYPRESS-CY7C132_05 Datasheet
562Kb / 18P
2K x 8 Dual-Port Static RAM
CY7C136 CYPRESS-CY7C136 Datasheet
455Kb / 15P
2K x 8 Dual-Port Static RAM
CY7C146 CYPRESS-CY7C146 Datasheet
455Kb / 15P
2K x 8 Dual-Port Static RAM
CY7C132 CYPRESS-CY7C132_12 Datasheet
364Kb / 17P
2K x 8 Dual-Port Static RAM
logo
Integrated Device Techn...
7132SA100J IDT-7132SA100J Datasheet
292Kb / 16P
HIGH SPEED 2K x 8 DUAL PORT STATIC RAM
7132SA55JI IDT-7132SA55JI Datasheet
292Kb / 16P
HIGH SPEED 2K x 8 DUAL PORT STATIC RAM
IDT7132SA IDT-IDT7132SA_15 Datasheet
203Kb / 16P
HIGH SPEED 2K x 8 DUAL PORT STATIC RAM
IDT71321SA IDT-IDT71321SA_08 Datasheet
143Kb / 17P
HIGH SPEED 2K X 8 DUAL-PORT STATIC RAM
IDT7132SA IDT-IDT7132SA_18 Datasheet
169Kb / 16P
HIGH SPEED 2K x 8 DUAL PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com