Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSD20060D Datasheet(PDF) 2 Page - Cree, Inc

Part # CSD20060D
Description  Silicon Carbide Schottky Diode
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CSD20060D Datasheet(HTML) 2 Page - Cree, Inc

  CSD20060D Datasheet HTML 1Page - Cree, Inc CSD20060D Datasheet HTML 2Page - Cree, Inc CSD20060D Datasheet HTML 3Page - Cree, Inc CSD20060D Datasheet HTML 4Page - Cree, Inc CSD20060D Datasheet HTML 5Page - Cree, Inc CSD20060D Datasheet HTML 6Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
CSD20060DRev.Q
Electrical Characteristics (Per Leg)
Symbol
Parameter
Typ.
Max.
Unit
Test Conditions
Note
V
F
ForwardVoltage
1.5
2.0
1.8
2.4
V
I
F=10ATJ=25°C
I
F=10ATJ=175°C
I
R
ReverseCurrent
50
100
200
1000
μA
V
R = 600 V
T
J=25°C
V
R = 600 V
T
J=175°C
Q
C
TotalCapacitiveCharge
28
nC
V
R=600V,IF=10A
di/dt=500A/μs
T
J=25°C
C
TotalCapacitance
550
65
50
pF
V
R=0V,TJ=25°C,f=1MHz
V
R=200V,TJ=25˚C,f=1MHz
V
R=400V,TJ=25˚C,f=1MHz
Note:
1. Thisisamajoritycarrierdiode,sothereisnoreverserecoverycharge.
Thermal Characteristics
Symbol Parameter
Typ.
Unit
R
θJC
ThermalResistancefromJunctiontoCase
1.08**
0.54*
°C/W
**
PerLeg,*BothLegs
Typical Performance (Per Leg)
Figure1.ForwardCharacteristics
Figure2.ReverseCharacteristics
V
R Reverse Voltage (V)
200
180
160
140
120
100
80
60
40
20
0
0
100200300400500600700
V
F Forward Voltage (V)
20
18
16
14
12
10
8
6
4
2
0
0
1.02.03.04.0



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com