Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSD20060D Datasheet(PDF) 3 Page - Cree, Inc

Part # CSD20060D
Description  Silicon Carbide Schottky Diode
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CSD20060D Datasheet(HTML) 3 Page - Cree, Inc

  CSD20060D Datasheet HTML 1Page - Cree, Inc CSD20060D Datasheet HTML 2Page - Cree, Inc CSD20060D Datasheet HTML 3Page - Cree, Inc CSD20060D Datasheet HTML 4Page - Cree, Inc CSD20060D Datasheet HTML 5Page - Cree, Inc CSD20060D Datasheet HTML 6Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
CSD20060DRev.Q
Figure3.CurrentDerating
Figure4.Capacitancevs.ReverseVoltage
Figure5.TransientThermalImpedance
Typical Performance (Per Leg)
Current Derating
0.0
5.0
10.0
15.0
20.0
25.0
30.0
35.0
40.0
45.0
50.0
55.0
60.0
65.0
70.0
75.0
80.0
85.0
90.0
95.0
100.0
25
50
75
100
125
150
175
200
Case Temperature
DC
70% Duty
50% Duty
30% Duty
10% Duty
100
90
80
70
60
50
40
30
20
10
0
25
5075100125150175200
10%Duty*
30%Duty*
50%Duty*
70%Duty*
DC
T
C Case Temperature (°C)
*Frequency>1KHz
1.0E-03
1.0E-02
1.0E-01
1.0E+00
1.0E+01
1.E-07
1.E-06
1.E-05
1.E-04
1.E-03
1.E-02
1.E-01
1.E+00
Time (s)
V
R Reverse Voltage (V)
400
350
300
250
200
150
100
50
0
1
101001000



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com