Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC2671F Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # 2SC2671F
Description  For UHF Band Low-Noise Amplification
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SC2671F Datasheet(HTML) 1 Page - Panasonic Semiconductor

  2SC2671F Datasheet HTML 1Page - Panasonic Semiconductor 2SC2671F Datasheet HTML 2Page - Panasonic Semiconductor 2SC2671F Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Transistors
1
Publication date: March 2003
SJC00122CED
2SC2671F
Silicon NPN epitaxial planar type
For UHF band low-noise amplification
■ Features
• Low noise figure NF
• High maximum unilateral power gain G
UM
• High transition frequency f
T
■ Absolute Maximum Ratings T
a
= 25°C
Parameter
Symbol
Rating
Unit
Collector-base voltage (Emitter open)
VCBO
15
V
Collector-emitter voltage
VCER
14
V
(Resistor between B and E) *
Emitter-base voltage (Collector open)
VEBO
2V
Collector current
IC
80
mA
Collector power dissipation
PC
600
mW
Junction temperature
Tj
150
°C
Storage temperature
Tstg
−55 to +150
°C
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Collector-base cutoff current (Emitter open)
ICBO
VCB = 10 V, IE = 01
µA
Emitter-base cutoff current (Collector open)
IEBO
VEB = 1 V, IC = 01
µA
Forward current transfer ratio
hFE
VCE
= 8 V, I
C
= 40 mA
50
150
300
Transition frequency
fT
VCE = 8 V, IC = 40 mA, f = 0.8 GHz
3.5
5.5
GHz
Collector output capacitance
Cob
VCB = 10 V, IE = 0, f = 1 MHz
0.8
1.5
pF
(Common base, input open circuited)
Foward transfer gain
S
21e
2
VCE = 8 V, IC = 40 mA, f = 0.8 GHz
9
12
dB
Maximum unilateral power gain
GUM
VCE
= 8 V, I
C
= 40 mA, f = 0.8 GHz
10
13
15
dB
Noise figure
NF
VCE = 8 V, IC = 40 mA, f = 0.8 GHz
2.0
3.2
dB
Second inter modulation distortion *
IM2
VCE = 8 V, IC = 40 mA, f1 = 200 MHz
50
60
dB
f2
= 500 MHz, V
O
= 100 dBµ/75 Ω
Third inter modulation distortion *
IM3
VCE = 8 V, IC = 40 mA, f1 = 600 MHz
75
86
dB
f2
= 500 MHz, V
O
= 100 dBµ/75 Ω
■ Electrical Characteristics T
a = 25°C ± 3°C
5.0±0.2
0.7±0.1
0.45
+0.15
–0.1
2.5
+0.6
–0.2
0.45
+0.15
–0.1
2.5
12 3
+0.6
–0.2
4.0±0.2
Unit: mm
1: Base
2: Emitter
3: Collector
TO-92-B1 Package
Note) 1. Measuring methods are based on JAPANESE INDUSTRIAL STANDARD JIS C 7030 measuring methods for transistors.
2. *: See measurement circuit
Note) *:RBE = 1 kΩ
f1
Signal generator
Converter (75
Ω)
(50
Ω)
Converter (75
Ω)
(50
Ω)
Converter (75
Ω)
(50
Ω)
Mixer
(75
Ω)
Under
test part
DC power
supply
Spectrum
analyzer
f2
Signal generator


Similar Part No. - 2SC2671F

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SC2671F PANASONIC-2SC2671F Datasheet
37Kb / 2P
Silicon NPN epitaxial planer type(For UHF band low-noise amplification)
More results

Similar Description - 2SC2671F

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SC2671 PANASONIC-2SC2671 Datasheet
37Kb / 2P
Silicon NPN epitaxial planer type(For UHF band low-noise amplification)
2SC3704 PANASONIC-2SC3704 Datasheet
37Kb / 2P
Silicon NPN epitaxial planer type(For UHF band low-noise amplification)
2SC3829 PANASONIC-2SC3829 Datasheet
38Kb / 2P
Silicon NPN epitaxial planer type(For UHF band low-noise amplification)
2SC3937 PANASONIC-2SC3937 Datasheet
37Kb / 2P
Silicon NPN epitaxial planer type(For UHF band low-noise amplification)
2SC4808 PANASONIC-2SC4808 Datasheet
37Kb / 2P
Silicon NPN epitaxial planer type(For UHF band low-noise amplification)
2SC4835 PANASONIC-2SC4835 Datasheet
37Kb / 2P
Silicon NPN epitaxial planer type(For UHF band low-noise amplification)
2SC4968 PANASONIC-2SC4968 Datasheet
37Kb / 2P
Silicon NPN epitaxial planer type(For UHF band low-noise amplification)
2SC5019 PANASONIC-2SC5019 Datasheet
38Kb / 2P
Silicon NPN epitaxial planer type(For UHF band low-noise amplification)
2SC5295J PANASONIC-2SC5295J Datasheet
66Kb / 3P
For 2 GHz Band Low-Noise Amplification
2SC5556 PANASONIC-2SC5556 Datasheet
65Kb / 3P
For UHF Band Low-Noise Amplification
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com