Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC2671F Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # 2SC2671F
Description  For UHF Band Low-Noise Amplification
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SC2671F Datasheet(HTML) 2 Page - Panasonic Semiconductor

  2SC2671F Datasheet HTML 1Page - Panasonic Semiconductor 2SC2671F Datasheet HTML 2Page - Panasonic Semiconductor 2SC2671F Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2SC2671F
2
SJC00122CED
VCE(sat)  IC
hFE  IC
fT  IE
PC  Ta
IC  VCE
IC  VBE
Cob  VCB
GUM  IC
NF
 I
C
0
160
40
120
80
0
0.8
0.6
0.4
0.2
Ambient temperature T
a (°C)
012
10
8
26
4
0
60
50
40
30
20
10
Ta
= 25°C
250
µA
200
µA
350
µA
300
µA
150
µA
100
µA
50
µA
IB
= 400 µA
Collector-emitter voltage V
CE (V)
0
2.0
1.6
0.4
1.2
0.8
0
120
100
80
60
40
20
VCE
= 8 V
Ta
= 75°C
−25°C
25
°C
Base-emitter voltage V
BE (V)
0.1
1
10
100
0.01
0.1
1
10
100
IC / IB
= 10
Ta
= 75°C, 25°C, −25°C
Collector current I
C (mA)
0.1
1
10
100
0
600
500
400
300
200
100
VCE
= 8 V
Ta
= 75°C
25
°C
−25°C
Collector current I
C (mA)
− 0.1
−1
−10
−100
0
12
10
8
6
4
2
VCE
= 8 V
f
= 800 MHz
Ta
= 25°C
Emitter current I
E (mA)
0.1
1
10
100
0
2.4
2.0
1.6
1.2
0.8
0.4
IE
= 0
f
= 1 MHz
Ta
= 25°C
Collector-base voltage V
CB (V)
0.1
1
10
100
0
24
20
16
12
8
4
VCE
= 8 V
f
= 800 MHz
Ta
= 25°C
Collector current I
C (mA)
0.1
1
10
100
0
12
10
8
6
4
2
VCE
= 8 V
(Rg
= 50 Ω)
f
= 800 MHz
Ta
= 25°C
Collector current I
C (mA)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com