Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4545 Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # 2SC4545
Description  For Medium Output Power Amplification
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SC4545 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  2SC4545 Datasheet HTML 1Page - Panasonic Semiconductor 2SC4545 Datasheet HTML 2Page - Panasonic Semiconductor 2SC4545 Datasheet HTML 3Page - Panasonic Semiconductor 2SC4545 Datasheet HTML 4Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2SC4545
2
SJD00130BED
PC  Ta
IC  VCE
VCE(sat)  IC
VBE(sat)  IC
hFE  IC
fT  IE
Cob  VCB
VCER  RBE
ICBO  Ta
0
160
40
120
80
0
2.0
1.6
1.2
0.8
0.4
Without heat sink
Ambient temperature T
a (°C)
0
1.2
1.0
0.8
0.6
0.4
0.2
TC
= 25°C
012
10
8
26
4
9 mA
8 mA
7 mA
6 mA
5 mA
4 mA
3 mA
2 mA
1 mA
IB
= 10 mA
Collector-emitter voltage V
CE (V)
0.01
0.1
1
10
0.01
0.1
10
1
100
IC / IB
= 10
25
°C
−25°C
Ta
= 75°C
Collector current I
C (A)
0.01
0.1
1
10
0.01
0.1
10
1
100
IC / IB
= 10
25
°C
−25°C
Ta
= 75°C
Collector current I
C (A)
1
100
10
1 000
0
30
60
90
120
150
180
VCE
= 5 V
25
°C
−25°C
Ta
= 75°C
Collector current I
C (mA)
− 0.01
− 0.1
−10
−1
0
240
200
160
120
80
40
VCB
= 5 V
f
= 200 MHz
TC
= 25°C
Emitter current I
E (A)
1
10
100
0
60
50
40
30
10
20
IE
= 0
f
= 1 MHz
Ta
= 25°C
Collector-base voltage V
CB (V)
0.001
10
1
0.01
0.1
0
60
50
40
30
20
10
TC
= 25°C
Base-emitter resistance R
BE (kΩ)
0
100
80
20
60
40
1
10
102
103
VCB
= 20 V
Ambient temperature T
a (°C)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com