Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4545 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # 2SC4545
Description  For Medium Output Power Amplification
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SC4545 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  2SC4545 Datasheet HTML 1Page - Panasonic Semiconductor 2SC4545 Datasheet HTML 2Page - Panasonic Semiconductor 2SC4545 Datasheet HTML 3Page - Panasonic Semiconductor 2SC4545 Datasheet HTML 4Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Power Transistors
1
Publication date: January 2003
SJD00130BED
2SC4545
Silicon NPN epitaxial planar type
For medium output power amplification
■ Features
• Allowing supply with the radial taping
■ Absolute Maximum Ratings T
a
= 25°C
■ Electrical Characteristics T
a
= 25°C ± 3°C
Unit: mm
Note) 1. Measuring methods are based on JAPANESE INDUSTRIAL STANDARD JIS C 7030 measuring methods for transistors.
2. *: Rank classification
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Collector-base voltage (Emitter open)
VCBO
IC = 1 mA, IE = 050
V
Collector-emitter voltage (Base open)
VCEO
IC
= 2 mA, I
B
= 040
V
Collector-base cutoff current (Emitter open)
ICBO
VCB = 20 V, IE = 01
µA
Collector-emitter cutoff current (Base open)
ICEO
VCE = 10 V, IB = 0
100
µA
Emitter-base cutoff current (Collector open)
IEBO
VEB
= 5 V, I
C
= 010
µA
Forward current transfer ratio *
hFE
VCE = 5 V, IC = 1 A
50
220
Collector-emitter saturation voltage
VCE(sat)
IC = 2 A, IB = 0.2 A
1
V
Base-emitter saturation voltage
VBE(sat)
IC
= 2 A, I
B
= 0.2 A
1.5
V
Transition frequency
fT
VCB = 5 V, IE = − 0.5 A, f = 200 MHz
150
MHz
Collector output capacitance
Cob
VCB = 20 V, IE = 0, f = 1 MHz
35
pF
(Common base, input open circuited)
7.5±0.2
0.65±0.1
0.7±0.1
1.15±0.2
2.5±0.2
2.5±0.2
0.85±0.1
1.0±0.1
0.7±0.1
1.15±0.2
0.5±0.1
1
0.8 C
23
0.4±0.1
4.5±0.2
0.8 C
0.8 C
Rank
P
Q
R
hFE
50 to 100
80 to 160
120 to 220
Parameter
Symbol
Rating
Unit
Collector-base voltage (Emitter open)
VCBO
50
V
Collector-emitter voltage (Base open)
VCEO
40
V
Emitter-base voltage (Collector open)
VEBO
5V
Collector current
IC
1.5
A
Peak collector current
ICP
3A
Collector power dissipation
PC
1.5
W
Junction temperature
Tj
150
°C
Storage temperature
Tstg
−55 to +150
°C
1: Emitter
2: Collector
3: Base
MT-3-A1 Package


Similar Part No. - 2SC4545

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SC454 HITACHI-2SC454 Datasheet
35Kb / 8P
Silicon NPN Epitaxial
logo
Micro Electronics
2SC454 MICRO-ELECTRONICS-2SC454 Datasheet
84Kb / 1P
Low Level and General Purpose Amplifiers
logo
Toshiba Semiconductor
2SC4540 TOSHIBA-2SC4540 Datasheet
155Kb / 3P
NPN EPITAXIAL TYPE (POWER AMPLIFIER, SWITCHING APPLICATIONS)
logo
Guangdong Kexin Industr...
2SC4540 KEXIN-2SC4540 Datasheet
319Kb / 3P
Power Switching Applications
logo
Toshiba Semiconductor
2SC4540 TOSHIBA-2SC4540 Datasheet
150Kb / 4P
Power Amplifier Applications Power Switching Applications
More results

Similar Description - 2SC4545

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SD1280 PANASONIC-2SD1280 Datasheet
48Kb / 3P
Silicon NPN epitaxial planer type(For low-voltage type medium output power amplification)
2SB0779 PANASONIC-2SB0779 Datasheet
68Kb / 3P
For low-frequency output amplification
2SB0930 PANASONIC-2SB0930 Datasheet
75Kb / 3P
For Power Amplification
2SB1593 PANASONIC-2SB1593 Datasheet
66Kb / 3P
For Low-Frequency Output Amplification
2SD0638 PANASONIC-2SD0638 Datasheet
73Kb / 3P
For Medium-Power General Amplification
logo
Renesas Technology Corp
NESG2101M05 RENESAS-NESG2101M05 Datasheet
172Kb / 15P
NPN SiGe RF Transistor for Medium Output Power Amplification 125 mW
logo
California Eastern Labs
2SC5751 CEL-2SC5751 Datasheet
3Mb / 16P
MEDIUM OUTPUT POWER AMPLIFICATION (30 mW)
2SC5752 CEL-2SC5752 Datasheet
3Mb / 17P
NPN SILICON RF TRANSISTOR FOR MEDIUM OUTPUT POWER AMPLIFICATION
2SC5754 CEL-2SC5754 Datasheet
1Mb / 12P
NPN SILICON RF TRANSISTOR FOR MEDIUM OUTPUT POWER AMPLIFICATION (0.4 W)
logo
Renesas Technology Corp
2SC5750 RENESAS-2SC5750 Datasheet
216Kb / 18P
NPN SILICON RF TRANSISTOR FOR MEDIUM OUTPUT POWER AMPLIFICATION
July 2001
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com