Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9155-700 Datasheet(PDF) 13 Page - AVX Corporation

Part # 9155-700
Description  Right Angle 2.0mm Pitch Connector
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

9155-700 Datasheet(HTML) 13 Page - AVX Corporation

Back Button 9155-700 Datasheet HTML 5Page - AVX Corporation 9155-700 Datasheet HTML 6Page - AVX Corporation 9155-700 Datasheet HTML 7Page - AVX Corporation 9155-700 Datasheet HTML 8Page - AVX Corporation 9155-700 Datasheet HTML 9Page - AVX Corporation 9155-700 Datasheet HTML 10Page - AVX Corporation 9155-700 Datasheet HTML 11Page - AVX Corporation 9155-700 Datasheet HTML 12Page - AVX Corporation 9155-700 Datasheet HTML 13Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
CONNECT
INTER
13
011717
Right Angle 2.0mm Pitch Connector
9155-700
2MM PITCH RIGHT ANGLE – MATING PADS
2 WAY – MATING PADS
3 WAY – MATING PADS
4 WAY – MATING PADS
5 WAY – MATING PADS
6 WAY – MATING PADS
NOTES:
1. SUGGESTED MATING PADS FOR RIGHT ANGLE BATTERY CONNECTORS.
2. TOP SURFACE OF HORIZONTAL PCB/BASE OF CONNECTOR.
3. PREFERED PLATING ON PADS, GOLD OVER NICKEL.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com