Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5265LS Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # 2SC5265LS
Description  Inverter-Controlled Lighting Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SC5265LS Datasheet(HTML) 2 Page - Sanyo Semicon Device

  2SC5265LS Datasheet HTML 1Page - Sanyo Semicon Device 2SC5265LS Datasheet HTML 2Page - Sanyo Semicon Device 2SC5265LS Datasheet HTML 3Page - Sanyo Semicon Device 2SC5265LS Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2SC5265LS
No.5321-2/4
ITR08010
IC -- VBE
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
0
1
2
4
5
3
VCE=5V
10
100
ITR08011
hFE -- IC
35
35
35
72
0.1
72
1.0
7
2
3
5
7
5
7
2
3
VCE=5V
Ta=120°C
25°C
--40°C
ITR08008
ITR08009
IC -- VCE
024
6
8
10
0
2
4
6
8
IB=0
VCE(sat) -- IC
0.1
23
2
5
3
5
3
5
7
1.0
77
0.1
1.0
5
3
5
7
7
2
5
3
7
2
IC / IB=5
Ta= --40
°C
25
°C
120°C
0.8A
0.6A
0.4A
0.2A
1.8A
2.0A
1.6A
1.4A
1.2A
1.0A
Collector-to-Emitter Voltage, VCE -- V
Base-to-Emitter Voltage, VBE -- V
Collector Current, IC -- A
Collector Current, IC -- A
Continued from preceding page.
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Collector-to-Emitter Saturation Voltage
VCE(sat)
IC=2.0A, IB=0.4A
1.0
V
Base-to-Emitter Saturation Voltage
VBE(sat)
IC=2.0A, IB=0.4A
1.5
V
DC Current Gain
hFE1VCE=5V, IC=0.3A
30
40
50
hFE2VCE=5V, IC=1.5A
10
Storage Time
tstg
IC=2.0A, IB1=0.4A, IB2=--0.8A
2.5
µs
Fall Time
tf
IC=2.0A, IB1=0.4A, IB2=--0.8A
0.15
µs
Switching Time Test Circuit
IB1
IB2
VOUT
VCC
IB1
IB2
VOUT
VOUT
0.9
0.1
VOUT
RC
tstg tf



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com