Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5265LS Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # 2SC5265LS
Description  Inverter-Controlled Lighting Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SC5265LS Datasheet(HTML) 3 Page - Sanyo Semicon Device

  2SC5265LS Datasheet HTML 1Page - Sanyo Semicon Device 2SC5265LS Datasheet HTML 2Page - Sanyo Semicon Device 2SC5265LS Datasheet HTML 3Page - Sanyo Semicon Device 2SC5265LS Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2SC5265LS
No.5321-3/4
0
20
40
60
80
100
120
140
160
0
0.4
0.8
1.6
2.0
2.4
1.2
PC -- Ta
ITR08017
ITR08014
ITR08015
ITR08016
Forward Bias A S O
10
3
5
5
7
5
7
2
2
3
2
2
3
23
5
5
3
7
57
100
7 1000
1.0
7
2
10
0.1
0.01
3
2
ICP=8A
IC=4A
P
C =30W
Reverse Bias A S O
3
5
5
7
2
2
3
2
5
3
100
2
7
5
7
1000
1.0
7
2
10
0.1
L=200
µH IB2= --1A
Tc=25
°C Single pulse
7
0.1
7
1.0
5
35
3
22
7
7
1.0
0.1
5
5
5
7
3
3
2
2
ITR08012
SW Time -- IC
VCC=200V IC / IB1=5
IB2 / IB1=2 R load
VCC=200V IC=2.0A
IB1=0.4A R load
ITR08013
tstg
tf
7
0.1
7
1.0
5
33
22
7
7
1.0
0.1
5
5
7
10
5
3
3
2
2
SW Time -- IB2
tstg
tf
0
20
40
60
80
100
120
140
160
0
8
12
4
16
20
24
28
30
32
PC -- Tc
ITR08018
VBE(sat) -- IC
0.1
23
2
5
3
5
3
5
7
1.0
77
0.1
1.0
5
3
7
2
5
3
2
IC / IB=5
Ta= --40
°C
25°C
120°C
PT<50µs
No
heat
sink
Tc=25
°C
Single pulse
Collector Current, IC -- A
Base Current, IB2 -- A
Collector-to-Emitter Voltage, VCE -- V
Collector-to-Emitter Voltage, VCE -- V
Ambient Temperature, Ta --
°C
Case Temperature, Tc --
°C
Collector Current, IC -- A



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com