Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5556 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # 2SC5556
Description  For UHF Band Low-Noise Amplification
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SC5556 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  2SC5556 Datasheet HTML 1Page - Panasonic Semiconductor 2SC5556 Datasheet HTML 2Page - Panasonic Semiconductor 2SC5556 Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Transistors
1
Publication date: December 2002
SJC00278BED
2SC5556
Silicon NPN epitaxial planar type
For UHF band low-noise amplification
■ Features
• Low noise figure NF
• High transition frequency f
T
• Mini type package, allowing downsizing of the equipment and
automatic insertion through the tape packing and the magazine
packing
■ Absolute Maximum Ratings T
a
= 25°C
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Collector-base voltage (Emitter open)
VCBO
IC = 10 µA, IE = 015
V
Collector-emitter voltage (Base open)
VCEO
IC = 100 µA, IB = 010
V
Collector-base cutoff current (Emitter open)
ICBO
VCB
= 10 V, I
E
= 01
µA
Emitter-base cutoff current (Collector open)
IEBO
VEB = 2 V, IC = 01
µA
Forward current transfer ratio
hFE
VCE = 8 V, IC = 20 mA
110
250
Transition frequency
fT
VCE
= 8 V, I
C
= 20 mA, f = 800 MHz
5
6
GHz
Collector output capacitance
Cob
VCB = 10 V, IE = 0, f = 1 MHz
0.9
1.2
pF
(Common base, input open circuited)
Foward transfer gain
S
21e
2
VCE = 8 V, IC = 20 mA, f = 800 MHz
7.5
10.0
dB
Maximum unilateral power gain
GUM
VCE = 8 V, IC = 20 mA, f = 800 MHz
11.5
dB
Noise figure
NF
VCE
= 8 V, I
C
= 20 mA, f = 800 MHz
1.7
dB
■ Electrical Characteristics T
a = 25°C ± 3°C
Unit: mm
Note) Measuring methods are based on JAPANESE INDUSTRIAL STANDARD JIS C 7030 measuring methods for transistors.
Parameter
Symbol
Rating
Unit
Collector-base voltage (Emitter open)
VCBO
15
V
Collector-emitter voltage (Base open)
VCEO
10
V
Emitter-base voltage (Collector open)
VEBO
2V
Collector current
IC
80
mA
Collector power dissipation *
PC
300
mW
Junction temperature
Tj
150
°C
Storage temperature
Tstg
−55 to +150
°C
Marking Symbol: 3K
Note) *: Copper plate at the collector is more than 1 cm2 in area, 1.0 mm in thickness
0.40
+0.10
–0.05
2
1
3
(0.95) (0.95)
1.9±0.1
2.90
+0.20
–0.05
0.16
+0.10
–0.06
10˚
1: Base
2: Emitter
3: Collector
EIAJ: SC-59
Mini3-G1 Package


Similar Part No. - 2SC5556

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC5550 TOSHIBA-2SC5550 Datasheet
176Kb / 4P
NPN TRIPLE DIFFUSED TYPE (HIGH SPEED SWITCHING APPLICATION FOR INVERTER LIGHTING SYSTEM)
2SC5550 TOSHIBA-2SC5550 Datasheet
152Kb / 5P
High-Speed Switching Application for Inverter Lighting
2SC5550 TOSHIBA-2SC5550_04 Datasheet
152Kb / 5P
High-Speed Switching Application for Inverter Lighting
logo
Sanyo Semicon Device
2SC5551 SANYO-2SC5551 Datasheet
43Kb / 5P
High-Frequency Medium-Output Amplifier Applications
2SC5551A SANYO-2SC5551A Datasheet
82Kb / 4P
High-Frequency Medium-Output Amplifier Applications
More results

Similar Description - 2SC5556

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SC2671 PANASONIC-2SC2671 Datasheet
37Kb / 2P
Silicon NPN epitaxial planer type(For UHF band low-noise amplification)
2SC3704 PANASONIC-2SC3704 Datasheet
37Kb / 2P
Silicon NPN epitaxial planer type(For UHF band low-noise amplification)
2SC3829 PANASONIC-2SC3829 Datasheet
38Kb / 2P
Silicon NPN epitaxial planer type(For UHF band low-noise amplification)
2SC3937 PANASONIC-2SC3937 Datasheet
37Kb / 2P
Silicon NPN epitaxial planer type(For UHF band low-noise amplification)
2SC4808 PANASONIC-2SC4808 Datasheet
37Kb / 2P
Silicon NPN epitaxial planer type(For UHF band low-noise amplification)
2SC4835 PANASONIC-2SC4835 Datasheet
37Kb / 2P
Silicon NPN epitaxial planer type(For UHF band low-noise amplification)
2SC4968 PANASONIC-2SC4968 Datasheet
37Kb / 2P
Silicon NPN epitaxial planer type(For UHF band low-noise amplification)
2SC5019 PANASONIC-2SC5019 Datasheet
38Kb / 2P
Silicon NPN epitaxial planer type(For UHF band low-noise amplification)
2SC2671F PANASONIC-2SC2671F Datasheet
73Kb / 3P
For UHF Band Low-Noise Amplification
2SC5295J PANASONIC-2SC5295J Datasheet
66Kb / 3P
For 2 GHz Band Low-Noise Amplification
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com