Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5556 Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # 2SC5556
Description  For UHF Band Low-Noise Amplification
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SC5556 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  2SC5556 Datasheet HTML 1Page - Panasonic Semiconductor 2SC5556 Datasheet HTML 2Page - Panasonic Semiconductor 2SC5556 Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2SC5556
2
SJC00278BED
hFE  IC
Cob  VCB
PC  Ta
IC  VCE
VCE(sat)  IC
0
160
40
120
80
0
350
250
50
200
300
150
100
Ambient temperature T
a (°C)
Collector-emitter voltage V
CE (V)
0
012
210
48
6
90
60
70
80
50
40
30
20
10
100
µA
200
µA
300
µA
400
µA
500
µA
IB
= 600 µA
Ta
= 25°C
0.01
1
1
10
100
IC / IB
= 10
0.1
Ta
= 85°C
25
°C
−25°C
Collector current I
C (mA)
0
20
40
60
80
100
180
160
140
120
1
10
100
200
1 000
VCE
= 8 V
Ta
= 85°C
25
°C
−25°C
Collector current I
C (mA)
0.1
1
10
010
15
20
525
f
= 1 MHz
Ta
= 25°C
Collector-base voltage V
CB (V)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com