Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5846 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # 2SC5846
Description  For General Amplification
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SC5846 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  2SC5846 Datasheet HTML 1Page - Panasonic Semiconductor 2SC5846 Datasheet HTML 2Page - Panasonic Semiconductor 2SC5846 Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Transistors
1
Publication date: August 2003
SJC00298AED
2SC5846
Silicon NPN epitaxial planar type
For general amplification
■ Features
• High forward current transfer ratio h
FE
• SSS-mini type package, allowing downsizing and thinning of the
equipment and automatic insertion through the tape packing
■ Absolute Maximum Ratings T
a
= 25°C
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Collector-base voltage (Emitter open)
VCBO
IC
= 10 µΑ, I
E
= 060
V
Collector-emitter voltage (Base open)
VCEO
IC = 2 mA, IB = 050
V
Emitter-base voltage (Collector open)
VEBO
IE = 10 µΑ, IC = 07
V
Collector-base cutoff current (Emitter open)
ICBO
VCB
= 20 V, I
E
= 0
0.1
µA
Collector-emitter cutoff current (Base open)
ICEO
VCE = 10 V, IB = 0
100
µA
Forward current transfer ratio
hFE
VCE = 10 V, IC = 2 mA
180
390
Collector-emitter saturation voltage
VCE(sat)
IC
= 100 mA, I
B
= 10 mA
0.1
0.3
V
Collector output capacitance
Cob
VCB
= 10 V, I
E
= 0, f = 1 MHz
2.2
pF
(Common base, input open circuited)
Transition frequency
fT
VCB = 10 V, IE = −2 mA, f = 200 MHz
100
MHz
■ Electrical Characteristics T
a
= 25°C ± 3°C
Unit: mm
Parameter
Symbol
Rating
Unit
Collector-base voltage (Emitter open)
VCBO
60
V
Collector-emitter voltage (Base open)
VCEO
50
V
Emitter-base voltage (Collector open)
VEBO
7V
Collector current
IC
100
mA
Peak collector current
ICP
200
mA
Collector power dissipation
PC
100
mW
Junction temperature
Tj
125
°C
Storage temperature
Tstg
−55 to +125
°C
Marking Symbol: 7K
0.33
(0.40)
(0.40)
12
3
5˚
0.80±0.05
1.20±0.05
+0.05
–0.02
0.10
+0.05
–0.02
0.23
+0.05
–0.02
1: Base
2: Emitter
3: Collector
SSSMini3-F1 Package
Note) Measuring methods are based on JAPANESE INDUSTRIAL STANDARD JIS C 7030 measuring methods for transistors.
SSSMini3-F1 Package


Similar Part No. - 2SC5846

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SC5840 PANASONIC-2SC5840 Datasheet
79Kb / 3P
Silicon NPN epitaxial planar type
2SC5841 PANASONIC-2SC5841 Datasheet
78Kb / 3P
Silicon NPN epitaxial planar type
logo
Renesas Technology Corp
2SC5843 RENESAS-2SC5843 Datasheet
221Kb / 9P
NPN SILICON GERMANIUM RF TRANSISTOR
2003
2SC5843-T3 RENESAS-2SC5843-T3 Datasheet
221Kb / 9P
NPN SILICON GERMANIUM RF TRANSISTOR
2003
logo
Panasonic Semiconductor
2SC5845 PANASONIC-2SC5845 Datasheet
81Kb / 3P
Silicon NPN epitaxial planar type
More results

Similar Description - 2SC5846

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SA0879 PANASONIC-2SA0879 Datasheet
92Kb / 4P
For general amplification Complementary to 2SC1573
2SB0643 PANASONIC-2SB0643 Datasheet
73Kb / 3P
For low-frequency general amplification
2SB0726 PANASONIC-2SB0726 Datasheet
54Kb / 3P
For general amplification
2SB1462J PANASONIC-2SB1462J Datasheet
67Kb / 3P
For general amplification
2SB1462L PANASONIC-2SB1462L Datasheet
39Kb / 2P
For General Amplification
2SD0638 PANASONIC-2SD0638 Datasheet
73Kb / 3P
For Medium-Power General Amplification
2SD0662 PANASONIC-2SD0662 Datasheet
72Kb / 3P
For High Breakdown Voltage General Amplification
2SD2216L PANASONIC-2SD2216L Datasheet
39Kb / 2P
For General Amplification
XP0C301 PANASONIC-XP0C301 Datasheet
118Kb / 5P
For General Amplification
XN0B301 PANASONIC-XN0B301 Datasheet
98Kb / 5P
For general amplification
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com