Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5846 Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # 2SC5846
Description  For General Amplification
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SC5846 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  2SC5846 Datasheet HTML 1Page - Panasonic Semiconductor 2SC5846 Datasheet HTML 2Page - Panasonic Semiconductor 2SC5846 Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2SC5846
2
SJC00298AED
IC  VBE
IB  VBE
VCE(sat)  IC
PC  Ta
IC  VCE
IC  IB
hFE  IC
Cob  VCB
0
20
40
60
80
100 120
140
0
120
80
100
60
40
20
Ambient temperature T
a (°C)
04
26
8
10
12
0
50
40
30
20
10
Collector-emitter voltage V
CE (V)
IB
= 160 µA
140
µA
100
µA
80
µA
60
µA
40
µA
20
µA
120
µA
Ta
= 25°C
0
0.2
0.4
0.6
0.8
1.0
0
140
120
100
80
60
40
20
Base current I
B (mA)
VCE
= 10V
Ta
= 25°C
0
0.2
0.4
0.6
0.8
1.0
1.2
0
20
40
60
80
100
120
Base-emitter voltage V
BE (V)
VCE
= 10V
Ta
= 75°C
–25
°C
25
°C
0
0.2
0.4
0.6
0.8
0
3.5
0.5
1.0
1.5
2.0
2.5
3.0
Base-emitter voltage V
BE (V)
VCE
= 10V
Ta
= 25°C
1
10
100
0.01
0.1
1
Collector current I
C (mA)
Ta
= 75°C
–25
°C
25
°C
IC / IB
= 10
1
10
100
1 000
0
50
100
150
200
250
300
350
Collector current I
C (mA)
Ta
= 75°C
–25
°C
25
°C
VCE
= 10V
016
824
32
40
1
10
Collector-base voltage V
CB (V)
f
= 1 MHz
Ta
= 25°C



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com