Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA821 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # INA821
Description  35-關V Offset, 7-nV/?숰z Noise, Low-Power, Precision Instrumentation Amplifier
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA821 Datasheet(HTML) 10 Page - Texas Instruments

Back Button INA821 Datasheet HTML 6Page - Texas Instruments INA821 Datasheet HTML 7Page - Texas Instruments INA821 Datasheet HTML 8Page - Texas Instruments INA821 Datasheet HTML 9Page - Texas Instruments INA821 Datasheet HTML 10Page - Texas Instruments INA821 Datasheet HTML 11Page - Texas Instruments INA821 Datasheet HTML 12Page - Texas Instruments INA821 Datasheet HTML 13Page - Texas Instruments INA821 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 41 page
background image
Temperature(C)
-50
-25
0
25
50
75
100
125
150
-100
-75
-50
-25
0
25
50
75
100
Mean
+3V
-3V
Temperature(C)
-50
-25
0
25
50
75
100
125
150
-500
-400
-300
-200
-100
0
100
200
300
400
500
Mean
+3V
-3V
Output Stage Offset Voltage (PV)
0
5%
10%
15%
0
-200
200
-100
100
Output Offset Voltage Drift (PV/qC)
0
1%
2%
3%
4%
5%
6%
7%
8%
9%
10%
11%
12%
13%
14%
15%
16%
0
-5
5
-4
-3
-2
-1
1
2
3
4
Input Stage Offset Voltage (PV)
0
5%
10%
15%
-30
30
-25 -20 -15 -10
-5
0
5
10
15
20
25
Input Stage Offset Voltage Drift (PV/qC)
0
5%
10%
15%
20%
25%
30%
-0.4
0.4
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
10
INA821
SBOS893A – AUGUST 2018 – REVISED DECEMBER 2018
www.ti.com
Product Folder Links: INA821
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
7.7 Typical Characteristics
at TA = 25°C, VS = ±15 V, RL = 10 kΩ, VREF = 0 V, and G = 1 (unless otherwise noted)
N = 2667
Mean = 3.1 µV
Std. Dev. = 8.1 µV
Figure 1. Typical Distribution of Input Stage Offset Voltage
N = 81
Mean = -0.03 µV/°C
Std. Dev. = 0.09 µV/°C
Figure 2. Typical Distribution of Input Stage Offset Voltage
Drift
N = 2667
Mean = 7.7 µV
Std. Dev. = 50.7 µV
Figure 3. Typical Distribution of Output Stage Offset Voltage
N = 81
Mean = –1.09 µV/°C
Std. Dev. = 0.94 µV/°C
Figure 4. Typical Distribution of Output Stage Offset Voltage
Drift
81 units
Figure 5. Input Stage Offset Voltage vs Temperature
81 units
Figure 6. Output Stage Offset Voltage vs Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com