Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA821 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # INA821
Description  35-關V Offset, 7-nV/?숰z Noise, Low-Power, Precision Instrumentation Amplifier
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA821 Datasheet(HTML) 12 Page - Texas Instruments

Back Button INA821 Datasheet HTML 8Page - Texas Instruments INA821 Datasheet HTML 9Page - Texas Instruments INA821 Datasheet HTML 10Page - Texas Instruments INA821 Datasheet HTML 11Page - Texas Instruments INA821 Datasheet HTML 12Page - Texas Instruments INA821 Datasheet HTML 13Page - Texas Instruments INA821 Datasheet HTML 14Page - Texas Instruments INA821 Datasheet HTML 15Page - Texas Instruments INA821 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 41 page
background image
Frequency (Hz)
0
20
40
60
80
100
120
140
160
10
100
1k
10k
100k
1M
10M
G= 1
G= 10
G= 100
G= 1000
Frequency (Hz)
0
20
40
60
80
100
120
140
10
100
1k
10k
100k
1M
G = 1
G = 10
G = 100
G = 1000
Temperature (qC)
-50
-25
0
25
50
75
100
125
150
75
100
125
150
175
Unit 1
Unit 2
Unit 3
Unit 4
Unit 5
Input Voltage (V)
-50
-40
-30
-20
-10
0
10
20
30
40
50
-10
-20
-8
-16
-6
-12
-4
-8
-2
-4
0
0
2
4
4
8
6
12
8
16
10
20
Input Current
Output Voltage
Common-Mode Rejection Ratio (PV/V)
0
5%
10%
15%
20%
25%
30%
0
-2
2
-1.5
-1
-0.5
0.5
1
1.5
Temperature (qC)
-50
-25
0
25
50
75
100
125
150
50
75
100
125
150
Unit 1
Unit 2
Unit 3
Unit 4
Unit 5
12
INA821
SBOS893A – AUGUST 2018 – REVISED DECEMBER 2018
www.ti.com
Product Folder Links: INA821
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
Typical Characteristics (continued)
at TA = 25°C, VS = ±15 V, RL = 10 kΩ, VREF = 0 V, and G = 1 (unless otherwise noted)
N = 294
Mean = 0.51 µV/V
Std. Dev. = 0.42 µV/V
G=10
Figure 13. Typical CMRR Distribution G=10
N = 5
G = 1
Figure 14. CMRR vs Temperature G = 1
N = 5
G = 10
Figure 15. CMRR vs Temperature G = 10
VS = ±18 V
Figure 16. Input Current vs Input Overvoltage
Figure 17. CMRR vs Frequency (RTI)
Figure 18. CMRR vs Frequency (RTI, 1-kΩ source
imbalance)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com