Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT6220CS5 Datasheet(PDF) 13 Page - Linear Technology

Part # LT6220CS5
Description  Single/Dual/Quad 60MHz, 20V/us, Low Power, Rail-to-Rail Input and Output Precision Op Amps
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6220CS5 Datasheet(HTML) 13 Page - Linear Technology

Back Button LT6220CS5 Datasheet HTML 9Page - Linear Technology LT6220CS5 Datasheet HTML 10Page - Linear Technology LT6220CS5 Datasheet HTML 11Page - Linear Technology LT6220CS5 Datasheet HTML 12Page - Linear Technology LT6220CS5 Datasheet HTML 13Page - Linear Technology LT6220CS5 Datasheet HTML 14Page - Linear Technology LT6220CS5 Datasheet HTML 15Page - Linear Technology LT6220CS5 Datasheet HTML 16Page - Linear Technology LT6220CS5 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
LT6220/LT6221/LT6222
13
sn622012 622012fs
TYPICAL PERFOR A CE CHARACTERISTICS
±5V Small-Signal Response
Output Overdriven Recovery
50mV/DIV
0V
VS = ±5V
50ns/DIV
622012 G39
AV = 1
RL = 1k
VIN
1V/DIV
0V
VS = 5V, 0V
200ns/DIV
622012 G40
AV = 2
RL = 1k
VOUT
2V/DIV
0V
APPLICATIO S I FOR ATIO
Q4
Q18
Q17
Q16
Q6
Q3
Q7
Q1
Q15
OUT
Q2
Q11
Q12
Q9
Q5
VBIAS
I1
D2
D1
D5
D4
D3
D6
D7
D8
ESDD2
ESDD1
+IN
–IN
V–
ESDD3
ESDD4
V+
V+
V–
R2
R1
R3
R4
R5
622012 F01
+
I2
+
I3
C2
CC
V–
+
C1
BUFFER
AND
OUTPUT BIAS
V+
V–
Q19
Q14
Q8
Q13
Q10
Figure 1. LT6220/LT6221/LT6222 Simplified Schematic Diagram
Circuit Description
The LT6220/LT6221/LT6222 have an input and output
signal range that covers from the negative power supply to
the positive power supply. Figure 1 depicts a simplified
schematic of the amplifier. The input stage comprises two
differential amplifiers, a PNP stage, Q1/Q2, and an NPN
stage, Q3/Q4, that are active over different ranges of
common mode input voltage. The PNP stage is active
between the negative supply to approximately 1.2V below
the positive supply. As the input voltage moves closer
toward the positive supply, the transistor Q5 will steer the
tail current, I1, to the current mirror, Q6/Q7, activating the
NPN differential pair and the PNP pair becomes inactive
for the rest of the input common mode range up to the
positive supply. Also, at the input stage, devices Q17 to
Q19 act to cancel the bias current of the PNP input pair.
When Q1/Q2 are active, the current in Q16 is controlled to
be the same as the current Q1/Q2. Thus, the base current
of Q16 is nominally equal to the base current of the input
devices. The base current of Q16 is then mirrored by
devices Q17-Q19 to cancel the base current of the input
devices Q1/Q2.
±5V Large-Signal Response
0V
VS = ±5V
200ns/DIV
622012 G38
AV = 1
RL = 1k
2V/DIV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com