Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT6220CS5 Datasheet(PDF) 2 Page - Linear Technology

Part # LT6220CS5
Description  Single/Dual/Quad 60MHz, 20V/us, Low Power, Rail-to-Rail Input and Output Precision Op Amps
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6220CS5 Datasheet(HTML) 2 Page - Linear Technology

  LT6220CS5 Datasheet HTML 1Page - Linear Technology LT6220CS5 Datasheet HTML 2Page - Linear Technology LT6220CS5 Datasheet HTML 3Page - Linear Technology LT6220CS5 Datasheet HTML 4Page - Linear Technology LT6220CS5 Datasheet HTML 5Page - Linear Technology LT6220CS5 Datasheet HTML 6Page - Linear Technology LT6220CS5 Datasheet HTML 7Page - Linear Technology LT6220CS5 Datasheet HTML 8Page - Linear Technology LT6220CS5 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
LT6220/LT6221/LT6222
2
sn622012 622012fs
Total Supply Voltage (VS– to VS+) ......................... 12.6V
Input Voltage (Note 2) .............................................. ±VS
Input Current (Note 2) ........................................ ±10mA
Output Short Circuit Duration (Note 3) ............ Indefinite
Operating Temperature Range (Note 4) ...–40°C to 85°C
Specified Temperature Range (Note 5) ....–40°C to 85°C
ORDER PART
NUMBER
DD PART*
MARKING
TJMAX = 125°C, θJA = 160°C/W (NOTE 10)
EXPOSED PAD INTERNALLY CONNECTED TO VS–
(PCB CONNECTION OPTIONAL)
LT6221CDD
LT6221IDD
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
(Note 1)
Consult LTC Marketing for parts specified with wider operating temperature ranges.
*The temperature grades are identified by a label on the shipping container.
Maximum Junction Temperature .......................... 150°C
(DD Package) ................................................... 125°C
Storage Temperature .............................–65°C to 150°C
(DD Package) ....................................–65°C to 125°C
Lead Temperature (Soldering, 10 sec.)................. 300°C
TOP VIEW
DD PACKAGE
8-LEAD (3mm × 3mm) PLASTIC DFN
5
6
7
8
4
3
2
1
OUT A
–IN A
+IN A
VS–
VS+
OUT B
–IN B
+IN B
A
B
TOP VIEW
GN PACKAGE
16-LEAD NARROW PLASTIC SSOP
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
OUT A
–IN A
+IN A
VS+
+IN B
–IN B
OUT B
NC
OUT D
–IN D
+IN D
VS–
+IN C
–IN C
OUT C
NC
A
B
C
D
TJMAX = 150°C, θJA = 135°C/W
TJMAX = 150°C, θJA = 190°C/W
ORDER PART
NUMBER
S8 PART
MARKING
ORDER PART
NUMBER
SSOP PART
MARKING
LT6221CS8
LT6221IS8
LT6222CGN
LT6222IGN
LADZ
6222
6222I
6221
6221I
ORDER PART
NUMBER
ORDER PART
NUMBER
S5 PART*
MARKING
S8 PART
MARKING
TJMAX = 150°C, θJA = 190°C/W
TJMAX = 150°C, θJA = 250°C/W (NOTE 10)
1
2
3
4
8
7
6
5
TOP VIEW
OUT A
–IN A
+IN A
VS–
VS+
OUT B
–IN B
+IN B
S8 PACKAGE
8-LEAD PLASTIC SO
A
B
5 VS
+
4 –IN
VOUT 1
TOP VIEW
S5 PACKAGE
5-LEAD PLASTIC TSOT-23
VS
– 2
+IN 3
+ –
LT6220CS8
LT6220IS8
6220
6220I
LT6220CS5
LT6220IS5
LTAFP
1
2
3
4
8
7
6
5
TOP VIEW
NC
–IN
+IN
VS
–
NC
VS
+
VOUT
NC
S8 PACKAGE
8-LEAD PLASTIC SO
+
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com