Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58WR032FB Datasheet(PDF) 83 Page - STMicroelectronics

Part # M58WR032FB
Description  32 Mbit (2Mb x 16, Multiple Bank, Burst) 1.8V Supply Flash Memory
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58WR032FB Datasheet(HTML) 83 Page - STMicroelectronics

Back Button M58WR032FB Datasheet HTML 78Page - STMicroelectronics M58WR032FB Datasheet HTML 79Page - STMicroelectronics M58WR032FB Datasheet HTML 80Page - STMicroelectronics M58WR032FB Datasheet HTML 81Page - STMicroelectronics M58WR032FB Datasheet HTML 82Page - STMicroelectronics M58WR032FB Datasheet HTML 83Page - STMicroelectronics M58WR032FB Datasheet HTML 84Page - STMicroelectronics M58WR032FB Datasheet HTML 85Page - STMicroelectronics M58WR032FB Datasheet HTML 86Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 83 / 86 page
background image
83/86
M58WR032FT, M58WR032FB
Table 42. Command Interface States - Lock Table, Next State
Note: 1. CI = Command Interface, CR = Configuration Register, EFP = Enhanced Factory Program, Quad EFP = Quadruple Enhanced Fac-
tory Program, P/E. C. = Program/Erase Controller.
2. EFP and Quad EFP are allowed only when Status Register bit SR0 is set to ‘0’. EFP and Quad EFP are busy if Block Address is
first EFP Address. Any other commands are treated as data.
3. EFP and Quad EFP exit when Block Address is different from first Block Address and data is FFFFh.
4. If the P/E.C. is active, both cycles are ignored.
5. Illegal commands are those not defined in the command set.
Current CI State
Command Input
Lock/CR
Setup(4)
(60h)
OTP Setup
(4)
(C0h)
Block Lock
Confirm
(01h)
Block
Lock-Down
Confirm
(2Fh)
Set CR
Confirm
(03h)
EFP Exit,
Quad EFP
Exit (3)
Illegal
Command
(5)
P/E. C.
Operation
Completed
Ready
Lock/CR
Setup
OTP Setup
Ready
N/A
Lock/CR Setup
Ready (Lock error)
Ready
Ready (Lock error)
N/A
OTP
Setup
OTP Busy
N/A
Busy
Ready
Program
Setup
Program Busy
N/A
Busy
Program Busy
Ready
Suspend
Program Suspended
N/A
Erase
Setup
Ready (error)
N/A
Busy
Erase Busy
Ready
Suspend
Lock/CR
Setup in
Erase
Suspend
Erase Suspended
N/A
Program in
Erase
Suspend
Setup
Program Busy in Erase Suspend
N/A
Busy
Program Busy in Erase Suspend
Erase
Suspended
Suspend
Program Suspend in Erase Suspend
N/A
Lock/CR Setup
in Erase Suspend
Erase Suspend (Lock error)
Erase Suspend
Erase Suspend (Lock
error)
N/A
EFP
Setup
Ready (error)
N/A
Busy
EFP Busy (2)
EFP Verify
EFP Busy(2)
N/A
Verify
EFP Verify (2)
Ready
EFP Verify(2)
Ready
QuadEFP
Setup
Quad EFP Busy (2)
N/A
Busy
Quad EFP Busy (2)
Ready
Quad EFP
Busy(2)
Ready



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com