Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58WR032FB Datasheet(PDF) 16 Page - STMicroelectronics

Part # M58WR032FB
Description  32 Mbit (2Mb x 16, Multiple Bank, Burst) 1.8V Supply Flash Memory
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58WR032FB Datasheet(HTML) 16 Page - STMicroelectronics

Back Button M58WR032FB Datasheet HTML 12Page - STMicroelectronics M58WR032FB Datasheet HTML 13Page - STMicroelectronics M58WR032FB Datasheet HTML 14Page - STMicroelectronics M58WR032FB Datasheet HTML 15Page - STMicroelectronics M58WR032FB Datasheet HTML 16Page - STMicroelectronics M58WR032FB Datasheet HTML 17Page - STMicroelectronics M58WR032FB Datasheet HTML 18Page - STMicroelectronics M58WR032FB Datasheet HTML 19Page - STMicroelectronics M58WR032FB Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 86 page
background image
M58WR032FT, M58WR032FB
16/86
ation, start a programming operation, suspend the
programming operation then read the array. See
APPENDIX C., Figure 25., Program Suspend &
Resume Flowchart and Pseudo Code, and Figure
27., Erase Suspend & Resume Flowchart and
Pseudo Code, for flowcharts for using the Pro-
gram/Erase Resume command.
Protection Register Program Command
The Protection Register Program command is
used to Program the 128 bit user One-Time-Pro-
grammable (OTP) segment of the Protection Reg-
ister and the Protection Register Lock. The
segment is programmed 16 bits at a time. When
shipped all bits in the segment are set to ‘1’. The
user can only program the bits to ‘0’.
Two write cycles are required to issue the Protec-
tion Register Program command.
■
The first bus cycle sets up the Protection
Register Program command.
■
The second latches the Address and the Data
to be written to the Protection Register and
starts the Program/Erase Controller.
Read operations output the Status Register con-
tent after the programming has started.
The segment can be protected by programming bit
1 of the Protection Lock Register (see Figure 5.,
Protection Register Memory Map). Attempting to
program a previously protected Protection Regis-
ter will result in a Status Register error. The pro-
tection of the Protection Register is not reversible.
The Protection Register Program cannot be sus-
pended. See APPENDIX C., Figure 29., Protec-
tion Register Program Flowchart and Pseudo
Code, for a flowchart for using the Protection Reg-
ister Program command.
Set Configuration Register Command
The Set Configuration Register command is used
to write a new value to the Configuration Register
which defines the burst length, type, X latency,
Synchronous/Asynchronous Read mode and the
valid Clock edge configuration.
Two Bus Write cycles are required to issue the Set
Configuration Register command.
■
The first cycle writes the setup command and
the address corresponding to the
Configuration Register content.
■
The second cycle writes the Configuration
Register data and the confirm command.
Read operations output the memory array content
after the Set Configuration Register command is
issued.
The value for the Configuration Register is always
presented on A0-A15. CR0 is on A0, CR1 on A1,
etc.; the other address bits are ignored.
Block Lock Command
The Block Lock command is used to lock a block
and prevent Program or Erase operations from
changing the data in it. All blocks are locked at
power-up or reset.
Two Bus Write cycles are required to issue the
Block Lock command.
■
The first bus cycle sets up the Block Lock
command.
■
The second Bus Write cycle latches the block
address.
The lock status can be monitored for each block
using the Read Electronic Signature command. .
Table 13. shows the Lock Status after issuing a
Block Lock command.
The Block Lock bits are volatile, once set they re-
main set until a hardware reset or power-down/
power-up. They are cleared by a Block Unlock
command. Refer to the section, BLOCK LOCK-
ING, for a detailed explanation. See APPENDIX
C., Figure 28., Locking Operations Flowchart and
Pseudo Code, for a flowchart for using the Lock
command.
Block Unlock Command
The Block Unlock command is used to unlock a
block, allowing the block to be programmed or
erased. Two Bus Write cycles are required to is-
sue the Block Unlock command.
■
The first bus cycle sets up the Block Unlock
command.
■
The second Bus Write cycle latches the block
address.
The lock status can be monitored for each block
using the Read Electronic Signature command.
Table 13. shows the protection status after issuing
a Block Unlock command. Refer to the section,
BLOCK LOCKING, for a detailed explanation and
APPENDIX C., Figure 28., Locking Operations
Flowchart and Pseudo Code, for a flowchart for
using the Unlock command.
Block Lock-Down Command
A locked or unlocked block can be locked-down by
issuing the Block Lock-Down command. A locked-
down block cannot be programmed or erased, or
have its protection status changed when WP is
low, VIL. When WP is high, VIH, the Lock-Down
function is disabled and the locked blocks can be
individually unlocked by the Block Unlock com-
mand.
Two Bus Write cycles are required to issue the
Block Lock-Down command.
■
The first bus cycle sets up the Block Lock
command.
■
The second Bus Write cycle latches the block
address.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com