Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58WR032FT60ZB6 Datasheet(PDF) 13 Page - STMicroelectronics

Part # M58WR032FT60ZB6
Description  32 Mbit (2Mb x 16, Multiple Bank, Burst) 1.8V Supply Flash Memory
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58WR032FT60ZB6 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button M58WR032FT60ZB6 Datasheet HTML 9Page - STMicroelectronics M58WR032FT60ZB6 Datasheet HTML 10Page - STMicroelectronics M58WR032FT60ZB6 Datasheet HTML 11Page - STMicroelectronics M58WR032FT60ZB6 Datasheet HTML 12Page - STMicroelectronics M58WR032FT60ZB6 Datasheet HTML 13Page - STMicroelectronics M58WR032FT60ZB6 Datasheet HTML 14Page - STMicroelectronics M58WR032FT60ZB6 Datasheet HTML 15Page - STMicroelectronics M58WR032FT60ZB6 Datasheet HTML 16Page - STMicroelectronics M58WR032FT60ZB6 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 86 page
background image
13/86
M58WR032FT, M58WR032FB
COMMAND INTERFACE
All Bus Write operations to the memory are inter-
preted by the Command Interface. Commands
consist of one or more sequential Bus Write oper-
ations. An internal Program/Erase Controller han-
dles all timings and verifies the correct execution
of the Program and Erase commands. The Pro-
gram/Erase Controller provides a Status Register
whose output may be read at any time to monitor
the progress or the result of the operation.
The Command Interface is reset to read mode
when power is first applied, when exiting from Re-
set or whenever VDD is lower than VLKO. Com-
mand sequences must be followed exactly. Any
invalid combination of commands will be ignored.
Refer to Table 4., Command Codes, and APPEN-
DIX D., Tables 40, 41, 42 and 43, Command Inter-
face States - Modify and Lock Tables, for a
summary of the Command Interface.
The Command Interface is split into two types of
commands: Standard commands and Factory
Program commands. The following sections ex-
plain in detail how to perform each command.
Table 4. Command Codes
Hex Code
Command
01h
Block Lock Confirm
03h
Set Configuration Register Confirm
10h
Alternative Program Setup
20h
Block Erase Setup
2Fh
Block Lock-Down Confirm
30h
Enhanced Factory Program Setup
35h
Double Word Program Setup
40h
Program Setup
50h
Clear Status Register
56h
Quadruple Word Program Setup
60h
Block Lock Setup, Block Unlock Setup,
Block Lock Down Setup and Set
Configuration Register Setup
70h
Read Status Register
75h
Quadruple Enhanced Factory Program
Setup
80h
Bank Erase Setup
90h
Read Electronic Signature
98h
Read CFI Query
B0h
Program/Erase Suspend
C0h
Protection Register Program
D0h
Program/Erase Resume, Block Erase
Confirm, Bank Erase Confirm, Block
Unlock Confirm or Enhanced Factory
Program Confirm
FFh
Read Array



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com