Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58WR032FT60ZB6 Datasheet(PDF) 28 Page - STMicroelectronics

Part # M58WR032FT60ZB6
Description  32 Mbit (2Mb x 16, Multiple Bank, Burst) 1.8V Supply Flash Memory
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58WR032FT60ZB6 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button M58WR032FT60ZB6 Datasheet HTML 24Page - STMicroelectronics M58WR032FT60ZB6 Datasheet HTML 25Page - STMicroelectronics M58WR032FT60ZB6 Datasheet HTML 26Page - STMicroelectronics M58WR032FT60ZB6 Datasheet HTML 27Page - STMicroelectronics M58WR032FT60ZB6 Datasheet HTML 28Page - STMicroelectronics M58WR032FT60ZB6 Datasheet HTML 29Page - STMicroelectronics M58WR032FT60ZB6 Datasheet HTML 30Page - STMicroelectronics M58WR032FT60ZB6 Datasheet HTML 31Page - STMicroelectronics M58WR032FT60ZB6 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 86 page
background image
M58WR032FT, M58WR032FB
28/86
Table 10. Burst Type Definition
Start
Add
4 Words
8 Words
16 Words
Continuous
Burst
Sequen-tial
Inter-
leaved
Sequential
Interleaved
Sequential
Interleaved
0
0-1-2-3
0-1-2-3 0-1-2-3-4-5-6-7
0-1-2-3-4-5-
6-7
0-1-2-3-4-5-6-7-8-9-
10-11-12-13-14-15
0-1-2-3-4-5-6-7-
8-9-10-11-12-
13-14-15
0-1-2-3-4-5-6...
1
1-2-3-0
1-0-3-2 1-2-3-4-5-6-7-0
1-0-3-2-5-4-
7-6
1-2-3-4-5-6-7-8-9-
10-11-12-13-14-15-
0
1-0-3-2-5-4-7-6-
9-8-11-10-13-
12-15-14
1-2-3-4-5-6-7-
...15-WAIT-16-17-
18...
2
2-3-0-1
2-3-0-1 2-3-4-5-6-7-0-1
2-3-0-1-6-7-
4-5
2-3-4-5-6-7-8-9-10-
11-12-13-14-15-0-1
2-3-0-1-6-7-4-5-
10-11-8-9-14-
15-12-13
2-3-4-5-6-7...15-
WAIT-WAIT-16-
17-18...
3
3-0-1-2
3-2-1-0 3-4-5-6-7-0-1-2
3-2-1-0-7-6-
5-4
3-4-5-6-7-8-9-10-11-
12-13-14-15-0-1-2
3-2-1-0-7-6-5-4-
11-10-9-8-15-
14-13-12
3-4-5-6-7...15-
WAIT-WAIT-
WAIT-16-17-18...
...
7
7-4-5-6
7-6-5-4 7-0-1-2-3-4-5-6
7-6-5-4-3-2-
1-0
7-8-9-10-11-12-13-
14-15-0-1-2-3-4-5-6
7-6-5-4-3-2-1-0-
15-14-13-12-11-
10-9-8
7-8-9-10-11-12-
13-14-15-WAIT-
WAIT-WAIT-16-
17...
...
12
12-13-14-15-16-
17-18...
13
13-14-15-WAIT-
16-17-18...
14
14-15-WAIT-
WAIT-16-17-18....
15
15-WAIT-WAIT-
WAIT-16-17-18...



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com