Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSB11V-R1390 Datasheet(PDF) 1 Page - Kemet Corporation

Part # SSB11V-R1390
Description  AC Line Filters SS Coils, SSB11V-R/11H-R Type
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

SSB11V-R1390 Datasheet(HTML) 1 Page - Kemet Corporation

  SSB11V-R1390 Datasheet HTML 1Page - Kemet Corporation SSB11V-R1390 Datasheet HTML 2Page - Kemet Corporation SSB11V-R1390 Datasheet HTML 3Page - Kemet Corporation SSB11V-R1390 Datasheet HTML 4Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
© KEMET Electronics Corporation • KEMET Tower • One East Broward Boulevard
LF0024_SSB11V-R-11H-R • 11/5/2018
Fort Lauderdale, FL 33301 USA • 954-766-2800 • www.kemet.com
One world. One KEMET
Benefits
• Widevarietyofsizesandspecifications
• Inductances up to 9 mH
• Rated Currents up to 1.7 A
• DCResistancesaslowas0.18Ω
Overview
TheKEMETSSCoils,SSB11V-R/11H-RTypeAClinefilters
areofferedinawidevarietyofsizesandspecifications.
Applications
• Consumer Electronics
• Common mode choke for Class B
AC Line Filters
SS Coils, SSB11V-R/11H-R Type
AC Line Filters
37
Common mode
13
10±0.5
14.5±1.0
13±0.5
22±1.0
ø0.8
18±0.5
21±1.0
14±0.5
(1.5)
(5.0)
20.5±1.0
18
ø0.8
Marking
Marking
1M
100K
10K
1K
100
10
1
Frequency (Hz)
1K
10K
100K
1M
10M
30M
3
6
1
3
6
1
3
6
1
3
6
1
1
3
6
1
3
6
3
6
1
3
61
3
6
1
3
61
3
SSB11V/H-R17043
SSB11V/H-R13090
SSB11V/H-R17043
SSB11V/H-R13090
SSB11V/H-R13090
0.38
SSB11V/H-R17043
0.18
1.3
1.7
9.0
4.3
11.0
11.0
60
40
• Rated voltage: 250VAC
• Withstanding voltage:
AC 2400V (2 sec between lines)
• Insulation resistance: at 500VDC, more than 100M (between lines)
• Thermal class: B (130˚C)
• Operating temperature range (˚C): –25 to T (T=130–temperature rise)
• Inductance measurement condition: 1kHz, 1V,
KC530
Shape and Dimensions
[mm]
Model
DC resistance
( /line)
max.
Temperature
rise(K)
max.
Inductance
(mH)
min.
Weight
approx.
(g)
Rated
current
(A)
Numbering System
Series
Core size
Type (V: vertical, H: horizontal)
Rated current (08 stands for 0.8A)
Inductance (125 stands for 12.5mH)
SSB 11 V-R - 13 090
�
� �
� �
bSSB11V-R
bSSB11H-R
Impedance vs. Frequency
SS Coils
SSB11V-R/11H-R Type
A common mode choke coil for class B
[RoHS Compliant]
SS Coils
SSB11V-R/11H-R Type
A common mode choke coil for class B
[RoHS Compliant]
Part Number System
SS
B
11
V-
R
13
90
Series
Thermal Class Core Size (mm) Core Orientation
Core Type
Rated Current AC (A)
Inductance (mH) Minimum
SS
B = B (130°C)
11 = 11.0 mm
H = Horizontal
V = Vertical
R = High
permeability
xx = x.x A
Example:
13 = 1.3 A
0xx = x.x mH
Example:
090 = 9.0 mH


Similar Part No. - SSB11V-R1390

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
SSB11V-R13090 KEMET-SSB11V-R13090 Datasheet
301Kb / 4P
SS Coils, SSB11V-R/11H-R Type
More results

Similar Description - SSB11V-R1390

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
PLY10AN3521R0D2B MURATA-PLY10AN3521R0D2B Datasheet
94Kb / 3P
AC Line Filters Hybrid Choke Coils
logo
Kemet Corporation
SS26V-R051170 KEMET-SS26V-R051170 Datasheet
377Kb / 6P
SS Coils, SS26V Type
SS21V-R031380 KEMET-SS21V-R031380 Datasheet
385Kb / 6P
SS Coils, SS21V Type
SU10VFC-R03370 KEMET-SU10VFC-R03370 Datasheet
379Kb / 5P
SU Coils, SU 10VFC-R Type
SS20H-R03660 KEMET-SS20H-R03660 Datasheet
265Kb / 4P
SS Coils, SS20H Type
SS30V-R080960 KEMET-SS30V-R080960 Datasheet
337Kb / 5P
SS Coils, SS30V Type
SSB11V-R13090 KEMET-SSB11V-R13090 Datasheet
301Kb / 4P
SS Coils, SSB11V-R/11H-R Type
SS26V-R51170 KEMET-SS26V-R51170 Datasheet
304Kb / 5P
AC Line Filters SS Coils, SS26V Type
SU10VFC-R3370 KEMET-SU10VFC-R3370 Datasheet
298Kb / 4P
SU Coils, SU 10VFC-R Type
SSB11V-R15060 KEMET-SSB11V-R15060 Datasheet
83Kb / 1P
KEMET, SSB11V, AC Line Filters, Common Mode, 6000 uH
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com