Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSB11V-R1390 Datasheet(PDF) 3 Page - Kemet Corporation

Part # SSB11V-R1390
Description  AC Line Filters SS Coils, SSB11V-R/11H-R Type
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

SSB11V-R1390 Datasheet(HTML) 3 Page - Kemet Corporation

  SSB11V-R1390 Datasheet HTML 1Page - Kemet Corporation SSB11V-R1390 Datasheet HTML 2Page - Kemet Corporation SSB11V-R1390 Datasheet HTML 3Page - Kemet Corporation SSB11V-R1390 Datasheet HTML 4Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
© KEMET Electronics Corporation • KEMET Tower • One East Broward Boulevard
LF0024_SSB11V-R-11H-R • 11/5/2018
Fort Lauderdale, FL 33301 USA • 954-766-2800 • www.kemet.com
AC Line Filters – SS Coils, SSB11V-R/11H-R Type
Specifications
Frequency Characteristics
AC Line Filters
37
Common mode
13
10±0.5
14.5±1.0
13±0.5
22±1.0
ø0.8
18±0.5
21±1.0
14±0.5
(1.5)
(5.0)
20.5±1.0
18
ø0.8
Marking
Marking
1M
100K
10K
1K
100
10
1
Frequency (Hz)
1K
10K
100K
1M
10M
30M
3
6
1
3
6
1
3
6
1
3
6
1
1
3
6
1
3
6
3
6
1
3
61
3
6
1
3
61
3
SSB11V/H-R17043
SSB11V/H-R13090
SSB11V/H-R17043
SSB11V/H-R13090
SSB11V/H-R13090
0.38
SSB11V/H-R17043
0.18
1.3
1.7
9.0
4.3
11.0
11.0
60
40
• Rated voltage: 250VAC
• Withstanding voltage:
AC 2400V (2 sec between lines)
• Insulation resistance: at 500VDC, more than 100M (between lines)
• Thermal class: B (130˚C)
• Operating temperature range (˚C): –25 to T (T=130–temperature rise)
• Inductance measurement condition: 1kHz, 1V,
KC530
Shape and Dimensions
[mm]
Model
DC resistance
( /line)
max.
Temperature
rise(K)
max.
Inductance
(mH)
min.
Weight
approx.
(g)
Rated
current
(A)
Numbering System
Series
Core size
Type (V: vertical, H: horizontal)
Rated current (08 stands for 0.8A)
Inductance (125 stands for 12.5mH)
SSB 11 V-R - 13 090
�
� �
� �
bSSB11V-R
bSSB11H-R
Impedance vs. Frequency
SS Coils
SSB11V-R/11H-R Type
A common mode choke coil for class B
[RoHS Compliant]
SS Coils
SSB11V-R/11H-R Type
A common mode choke coil for class B
[RoHS Compliant]
Notes on Use
Shelf Life
• Usewithin6months.Iftheproductisusedafterastorageperiodof6monthsorlonger,confirmitssolderability
before use.
Storage Condition
• Avoid storage in high temperature and high humidity environment, as such condition may deteriorate the solderability
of external electrode.
• Avoid storage in atmosphere containing toxic gases or acid (e.g., sulphur and chlorine), as such gas may deteriorate
the solderability of external electrode.
• Avoidstoragenearstrongmagneticfield,assuchconditionmaymagnetizetheproduct.
Item
SSB11V-R/11H-R
Rated Voltage
250 VAC
Withstanding Voltage
2,400 VAC (2 seconds, between lines)
Insulation Resistance
>100MΩat500VDC(betweenlines)
Thermal Class
B (130°C)
Operating Temperature Range
−25°CtoT(T=130–temperaturerise)
Inductance Measurement Condition
1 kHz, 1 V, KC530



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com