Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LV321L-AF5-R Datasheet(PDF) 7 Page - Unisonic Technologies

Part # LV321L-AF5-R
Description  RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LV321L-AF5-R Datasheet(HTML) 7 Page - Unisonic Technologies

Back Button LV321L-AF5-R Datasheet HTML 2Page - Unisonic Technologies LV321L-AF5-R Datasheet HTML 3Page - Unisonic Technologies LV321L-AF5-R Datasheet HTML 4Page - Unisonic Technologies LV321L-AF5-R Datasheet HTML 5Page - Unisonic Technologies LV321L-AF5-R Datasheet HTML 6Page - Unisonic Technologies LV321L-AF5-R Datasheet HTML 7Page - Unisonic Technologies LV321L-AF5-R Datasheet HTML 8Page - Unisonic Technologies LV321L-AF5-R Datasheet HTML 9Page - Unisonic Technologies LV321L-AF5-R Datasheet HTML 10Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
LV321
LINEAR INTEGRATED CIRCUIT
UNISONIC TECHNOLOGIES CO., LTD
7 of 10
www.unisonic.com.tw
QW-R105-036.E
T Y PI CAL CH ARACT ERI ST I CS (Cont .)
Short Circuit Current vs Temperature
(Sinking)
120
40
0
-40
0
40
80
80
Short Circuit Current vs Temperature
(Sourcing)
Temperature (°
С)
100
60
20
-20
60
20
VSS = 2.7V
VSS = 5V
1.5
0.5
2.5
5.0
Slew Rate vs Supply Voltage
Supply Voltage (V)
1.4
1.2
0.8
0.7
1.1
0.9
0.6
3.0
4.0
1.3
1.0
Vs=+5V, RL=10kΩ,
AV=+1, VIN=1Vpp,
single supply, TA=25°С
Rising Edge
Failing Edge
3.5
4.5
140
120
40
0
-40
0
40
80
80
Temperature (°
С)
100
60
20
-20
60
20
VSS = 2.7V
VSS = 5V
140



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com