Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LV321L-AF5-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # LV321L-AF5-R
Description  RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LV321L-AF5-R Datasheet(HTML) 1 Page - Unisonic Technologies

  LV321L-AF5-R Datasheet HTML 1Page - Unisonic Technologies LV321L-AF5-R Datasheet HTML 2Page - Unisonic Technologies LV321L-AF5-R Datasheet HTML 3Page - Unisonic Technologies LV321L-AF5-R Datasheet HTML 4Page - Unisonic Technologies LV321L-AF5-R Datasheet HTML 5Page - Unisonic Technologies LV321L-AF5-R Datasheet HTML 6Page - Unisonic Technologies LV321L-AF5-R Datasheet HTML 7Page - Unisonic Technologies LV321L-AF5-R Datasheet HTML 8Page - Unisonic Technologies LV321L-AF5-R Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
UNI SONI C TECHNOLOGI ES CO., LTD
LV321
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1of 10
Copyright © 2018 Unisonic Technologies Co., Ltd
QW-R105-036.E
SI N GLE GEN ERAL PU RPOSE,
LOW V OLT AGE, RAI L-T O-RAI L
OU T PU T OPERAT I ON AL
AM PLI FI ER
DESCRI PT I ON
The UTC LV321 is a single op amp with low supply current. It
brings good
performance in low voltage, low power operating
systems. The UTC LV321 has a guaranteed 0.8V/µs slew rate and a
1MHz unity-gain bandwidth, in low supply current. It provides heavy
rail-to-rail (R-to-R) output swing loads and the input common-mode
voltage range including ground. Besides, it is also capable for
comfortably driving large capacitive loads.
The UTC LV321 has bipolar input and CMOS output for
improved noise performance and higher output current drive. It’s the
most cost effective solution for the applications where low voltage
operation, space saving and low price are required.
FEAT U RES
* 2.7V and 5V Performance Guaranteed
* No Crossover Distortion
* 130µA Low Supply Current
* Rail-to-Rail Output Swing @10k
Ω Load: V+ -25mV
V
- +15mV
* VCM From -0.2V to V
+ -0.8V
 ORDERING INFORMATION
Ordering Number
Lead Free
Halogen Free
Package
Packing
LV321L-AF5-R
LV321G-AF5-R
SOT-25
Tape Reel
LV321L-AF5-A-R
LV321G-AF5-A-R
SOT-25
Tape Reel
LV321L-AL5-R
LV321G-AL5-R
SOT-353
Tape Reel


Similar Part No. - LV321L-AF5-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LV321 UTC-LV321 Datasheet
520Kb / 11P
SINGLE GENERAL PURPOSE, LOW VOLTAGE, RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIER
LV321G-AF5-R UTC-LV321G-AF5-R Datasheet
520Kb / 11P
SINGLE GENERAL PURPOSE, LOW VOLTAGE, RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIER
LV321G-AF5-R UTC-LV321G-AF5-R Datasheet
530Kb / 10P
SINGLE GENERAL PURPOSE, LOW VOLTAGE, RAIL-TO-RAIL OUTPUT OPERATIONAL
LV321G-AL5-R UTC-LV321G-AL5-R Datasheet
520Kb / 11P
SINGLE GENERAL PURPOSE, LOW VOLTAGE, RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIER
LV321G-AL5-R UTC-LV321G-AL5-R Datasheet
530Kb / 10P
SINGLE GENERAL PURPOSE, LOW VOLTAGE, RAIL-TO-RAIL OUTPUT OPERATIONAL
More results

Similar Description - LV321L-AF5-R

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM8051 SGMICRO-SGM8051 Datasheet
757Kb / 20P
250MHz, Rail-to-Rail Output CMOS Operational Amplifier
SGM8091 SGMICRO-SGM8091 Datasheet
686Kb / 17P
350MHz, Rail-to-Rail Output CMOS Operational Amplifier
SGM8651 SGMICRO-SGM8651 Datasheet
661Kb / 17P
50MHz, Rail-to-Rail Output CMOS Operational Amplifier
logo
Intersil Corporation
EL5411T INTERSIL-EL5411T_10 Datasheet
815Kb / 16P
60MHz Rail-to-Rail Input-Output Operational Amplifier
August 3, 2010
logo
New Japan Radio
NJU7056 NJRC-NJU7056 Datasheet
242Kb / 8P
Rail-to-Rail Output Single CMOS Operational Amplifier
logo
ON Semiconductor
NCS2003 ONSEMI-NCS2003 Datasheet
457Kb / 10P
Low Voltage, Rail-to-Rail Output Operational Amplifier
January, 2014 ??Rev. 2
NCS20071 ONSEMI-NCS20071 Datasheet
967Kb / 24P
Rail-to-Rail Output, BW Operational Amplifier
July, 2014 ??Rev. 1
logo
SG Micro Corp
SGM8922 SGMICRO-SGM8922 Datasheet
324Kb / 10P
Dual Rail-to-Rail Output Operational Amplifier
logo
Renesas Technology Corp
EL5211T RENESAS-EL5211T Datasheet
850Kb / 15P
60MHz Rail-to-Rail Input-Output Operational Amplifier
May 12, 2010
EL5411T RENESAS-EL5411T Datasheet
1,002Kb / 16P
60MHz Rail-to-Rail Input-Output Operational Amplifier
August 3, 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com