Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S2MF Datasheet(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

Part # S2MF
Description  2A, 600V - 1000V Surface Mount Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

S2MF Datasheet(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  S2MF Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd S2MF Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd S2MF Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd S2MF Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Min
Max
Min
Max
A
1.25
1.60
0.049
0.063
B
2.40
2.80
0.094
0.110
C
3.30
4.30
0.130
0.169
D
0.90
1.10
0.035
0.043
E
0.10
0.25
0.004
0.010
F
0.70
1.20
0.028
0.047
G
4.40
5.20
0.173
0.205
MARKING DIAGRAM
P/N
= Specific Device Code
G
= Green compound Code
YW
= Date Code
F
= Factory Code
Version: A1511
S2JF - S2MF
Taiwan Semiconductor
PACKAGE OUTLINE DIMENSIONS
SMAF
DIM.
Unit (mm)
Unit (inch)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com