Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S2MF Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # S2MF
Description  2A, 600V - 1000V Surface Mount Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

S2MF Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  S2MF Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd S2MF Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd S2MF Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd S2MF Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
S2JF - S2MF
CREAT BY ART
- Glass passivated chip junction
- Ideal for automated placement
- Low forward voltage drop
- Low leakage current
- Halogen-free according to IEC 61249-2-21
Molding compound: UL flammability classification rating 94V-0
Packing code with suffix "G" means green compound (halogen-free)
Terminal:
Matte tin plated leads, solderable per JESD22-B102
Meet JESD 201 class 1A whisker test
SYMBOL
UNIT
VRRM
V
VRMS
V
VDC
V
IF(AV)
A
trr
μs
CJ
pF
TJ
°C
TSTG
°C
Version: A1511
Maximum RMS voltage
560
700
600
800
1000
Maximum DC blocking voltage
800
420
Taiwan Semiconductor
2A, 600V - 1000V Surface Mount Rectifiers
FEATURES
MSL1: per J-STD-020
- Compliant to RoHS Directive 2011/65/EU and
in accordance to WEEE 2002/96/EC
Polarity:
Indicated by cathode band
MECHANICAL DATA
Case:
SMAF
SMAF
Weight:
35mg (approximately)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS (TA=25°C unless otherwise noted)
S2KF
S2MF
1000
Maximum repetitive peak reverse voltage
PARAMETER
S2JF
600
Maximum average forward rectified current
2
Peak forward surge current, 8.3 ms single half sine-wave
superimposed on rated load
IFSM
Maximum reverse current @ rated VR
TJ=25°C
TJ=125°C
A
Maximum instantaneous forward voltage (Note 1)
@ 2 A
VF
1.1
V
IR
5
μA
50
RθJL
RθJA
°C/W
Typical reverse recovery time (Note 2)
Typical junction capacitance (Note 3)
6
1.8
Note 3: Measured at 1 MHz and applied reverse voltage of 4.0V DC.
50
20
65
Operating junction temperature range
- 55 to +150
Storage temperature range
- 55 to +150
Note 1: Pulse test with PW=300μs, 1% duty cycle
Note 2: Test conditions: IF=0.5A, IR=1.0A, IRR=0.25A
Typical thermal resistance


Similar Part No. - S2MF

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
S2MF PANJIT-S2MF Datasheet
126Kb / 4P
SURFACE MOUNT RECTIFIER
logo
List of Unclassifed Man...
S2MF ETC2-S2MF Datasheet
525Kb / 2P
SURFACE MOUNT GENERAL RECTIFIER
logo
Guangdong Kexin Industr...
S2MF KEXIN-S2MF Datasheet
1Mb / 3P
Rectifier Diodes
logo
Microdiode Semiconducto...
S2MF CHENDA-S2MF Datasheet
626Kb / 2P
SURFACE MOUNT GENERAL RECTIFIER
logo
DONGGUAN YOU FENG WEI E...
S2MF YFWDIODE-S2MF Datasheet
116Kb / 3P
Surface MountGeneral Purpose Silicon Rectifiers
More results

Similar Description - S2MF

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
S1JLS TSC-S1JLS Datasheet
225Kb / 4P
1.2A, 600V - 1000V Surface Mount Rectifiers
ES2DF TSC-ES2DF Datasheet
362Kb / 4P
2A, 200V - 600V Surface Mount Super Fast Rectifiers
ES2D-T TSC-ES2D-T Datasheet
371Kb / 4P
2A, 200V - 600V Surface Mount Super Fast Rectifiers
logo
Taiwan Memory Technolog...
S1JF TMT-S1JF Datasheet
186Kb / 4P
1A, 600V - 1000V Surface Mount Rectifiers
S1JLS TMT-S1JLS_16 Datasheet
193Kb / 4P
1.2A, 600V - 1000V Surface Mount Rectifiers
S2AA TMT-S2AA_16 Datasheet
365Kb / 4P
2A, 50V - 1000V Surface Mount Rectifiers
logo
SeCoS Halbleitertechnol...
QG207BM SECOS-QG207BM Datasheet
231Kb / 2P
1000V, 2A Surface Mount Silicon Rectifiers
logo
Taiwan Semiconductor Co...
RS1JF TSC-RS1JF Datasheet
221Kb / 4P
1A, 600V - 1000V Surface Mount Fast Recovery Rectifiers
S1JF TSC-S1JF Datasheet
224Kb / 4P
1A, 600V - 1000V Surface Mount Rectifiers
S2DFS TSC-S2DFS Datasheet
435Kb / 5P
2A, 200V - 1000V Standard Surface Mount Rectifier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com