Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP1506 Datasheet(PDF) 8 Page - Diodes Incorporated

Part # AP1506
Description  3A PWM BUCK DC/DC CONVERTER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP1506 Datasheet(HTML) 8 Page - Diodes Incorporated

Back Button AP1506 Datasheet HTML 4Page - Diodes Incorporated AP1506 Datasheet HTML 5Page - Diodes Incorporated AP1506 Datasheet HTML 6Page - Diodes Incorporated AP1506 Datasheet HTML 7Page - Diodes Incorporated AP1506 Datasheet HTML 8Page - Diodes Incorporated AP1506 Datasheet HTML 9Page - Diodes Incorporated AP1506 Datasheet HTML 10Page - Diodes Incorporated AP1506 Datasheet HTML 11Page - Diodes Incorporated AP1506 Datasheet HTML 12Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
AP1506
Document number: DS31015 Rev. 8 - 2
8 of 14
www.diodes.com
December 2017
© Diodes Incorporated
AP1506
Typical Performance Characteristics (Cont.)
AP1506 Threshold Voltage vs. Temperature
(VCC = 12V, IO = 100mA)
AP1506 ON/OFF Current vs. ON/OFF Voltage
(VIN = 12V)
AP1506 Frequency vs. Temperature
(VCC = 12V, IC = 500mA, VOUT = 5V)
AP1506 Feedback Current vs. Temperature
(Vcc = 12V, VOUT = 5V, VFB = 1.3V)
Output Voltage vs. Temperature
(VIN = 12V, Io = 3A)
0.8
0.9
1
1.1
1.2
1.3
1.4
1.5
1.6
1.7
-50 -30 -10
10
30
50
70
90 110 130 150
Temperature (T
A) (
oC)
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
10
0
3
6
9
12
15
18
21
ON/OFF Voltage (V)
140
145
150
155
160
165
170
-50 -30 -10
10
30
50
70
90 110 130 150
Temperature (T
A) (
oC)
-50
-40
-30
-20
-10
0
10
-50 -30 -10
10
30
50
70
90 110 130 150
Temperature (T
A) (
oC)
2.9
2.95
3
3.05
3.1
3.15
3.2
3.25
3.3
3.35
3.4
3.45
3.5
-40 -20
0
20
40
60
80 100 120 140 160
Temperature (T
A) (
oC)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com