Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP1506 Datasheet(PDF) 13 Page - Diodes Incorporated

Part # AP1506
Description  3A PWM BUCK DC/DC CONVERTER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP1506 Datasheet(HTML) 13 Page - Diodes Incorporated

Back Button AP1506 Datasheet HTML 6Page - Diodes Incorporated AP1506 Datasheet HTML 7Page - Diodes Incorporated AP1506 Datasheet HTML 8Page - Diodes Incorporated AP1506 Datasheet HTML 9Page - Diodes Incorporated AP1506 Datasheet HTML 10Page - Diodes Incorporated AP1506 Datasheet HTML 11Page - Diodes Incorporated AP1506 Datasheet HTML 12Page - Diodes Incorporated AP1506 Datasheet HTML 13Page - Diodes Incorporated AP1506 Datasheet HTML 14Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
AP1506
Document number: DS31015 Rev. 8 - 2
13 of 14
www.diodes.com
December 2017
© Diodes Incorporated
AP1506
Package Outline Dimensions (Cont. All Dimensions in mm)
Please see http://www.diodes.com/package-outlines.html for the latest version.
(3)
Package Type: TO220-5 (R)
TO220-5(R)
Dim
Min
Typ
Max
A
4.37
4.57
4.77
A1
1.12
1.27
1.40
A2
2.45
2.65
2.85
A3
4.10
4.40
4.70
A4
7.95
8.25
8.55
b
0.64
0.79
0.94
c
0.35
0.38
0.55
D
14.80 15.00 15.20
D1
8.50
8.70
8.90
e
-
1.70
-
E
9.96 10.16 10.36
H1
6.10
6.30
6.50
H2
21.32 22.12 22.92
H3
24.15 24.95 25.75
L
-
6.30
-
L1
13.10 13.50 13.90
P
3.64
3.84
4.04
Q
2.55
2.75
2.95
All Dimensions in mm
Suggested Pad Layout
Please see http://www.diodes.com/package-outlines.html for the latest version.
(1)
Package Type: TO263-5
Dimensions
Value
(in mm)
X
10.9
X1
1.05
Y
15.7
Y1
9.1
Y2
2.5
C
1.7
Y2
Y
Y1
X
C
X1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com