Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP3503 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # AP3503
Description  SYNCHRONOUS DC-DC BUCK CONVERTER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3503 Datasheet(HTML) 4 Page - Diodes Incorporated

  AP3503 Datasheet HTML 1Page - Diodes Incorporated AP3503 Datasheet HTML 2Page - Diodes Incorporated AP3503 Datasheet HTML 3Page - Diodes Incorporated AP3503 Datasheet HTML 4Page - Diodes Incorporated AP3503 Datasheet HTML 5Page - Diodes Incorporated AP3503 Datasheet HTML 6Page - Diodes Incorporated AP3503 Datasheet HTML 7Page - Diodes Incorporated AP3503 Datasheet HTML 8Page - Diodes Incorporated AP3503 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
AP3503
Document number: DS41526 Rev. 2 - 2
4 of 10
www.diodes.com
October 2018
© Diodes Incorporated
AP3503
Absolute Maximum Ratings (Note 1)
Symbol
Parameter
Value
Unit
VIN
IN Pin Voltage
-0.3 to 20
V
VEN
EN Pin Voltage
-0.3 to VIN
V
VSW
SW Pin Voltage
21
V
VBS
BS Pin Voltage
-0.3 to VSW+6
V
VFB
FB Pin Voltage
-0.3 to 6
V
VCOMP
COMP Pin Voltage
-0.3 to 6
V
VSS
SS Pin Voltage
-0.3 to 6
V
θJA
Thermal Resistance
60
ºC/W
TJ
Operating Junction Temperature
+150
ºC
TSTG
Storage Temperature
-65 to +150
ºC
TLEAD
Lead Temperature (Soldering, 10sec)
+260
ºC
VHBM
ESD (Human Body Model)
2000
V
VMM
ESD (Machine Model)
200
V
Note 1:
Stresses greater than those listed
under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “Recommended Operating Conditions” is not implied.
Exposure to “Absolute Maximum Ratings” for extended periods may affect device reliability.
Recommended Operating Conditions
Symbol
Parameter
Min
Max
Unit
VIN
Input Voltage
4.5
18
V
TA
Operating Ambient Temperature
-40
+85
ºC



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com