Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP3503 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # AP3503
Description  SYNCHRONOUS DC-DC BUCK CONVERTER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3503 Datasheet(HTML) 2 Page - Diodes Incorporated

  AP3503 Datasheet HTML 1Page - Diodes Incorporated AP3503 Datasheet HTML 2Page - Diodes Incorporated AP3503 Datasheet HTML 3Page - Diodes Incorporated AP3503 Datasheet HTML 4Page - Diodes Incorporated AP3503 Datasheet HTML 5Page - Diodes Incorporated AP3503 Datasheet HTML 6Page - Diodes Incorporated AP3503 Datasheet HTML 7Page - Diodes Incorporated AP3503 Datasheet HTML 8Page - Diodes Incorporated AP3503 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
AP3503
Document number: DS41526 Rev. 2 - 2
2 of 10
www.diodes.com
October 2018
© Diodes Incorporated
AP3503
Typical Applications Circuit
C3
3.3nF
C12
10
μF/25V
C22
22
μF/25V
D1
Optional
L 10
μH
R4
100k
R2
10k
R1
26.1k
R3
13k
C6
Optional
C4
10nF
C5
0.1
μF
3
5
1
6
7
8
2
4
BS
IN
SW
GND
FB
COMP
EN
SS
C21
22
μF/25V
C11
10
μF/25V
Input Voltage=12V
Output Voltage=3.3V
Pin Descriptions
Pin Number
Pin Name
Function
1
BS
Bootstrap pin. A bootstrap capacitor is connected between the BS pin and SW pin. The voltage
across the bootstrap capacitor drives the internal high-side power MOSFET
2
IN
Supply power input pin. A capacitor should be connected between the IN pin and GND pin to keep the
input voltage constant
3
SW
Power switch output pin. This pin is connected to the inductor and bootstrap capacitor
4
GND
Ground pin
5
FB
Feedback pin. This pin is connected to an external resistor divider to program the system output
voltage. When the FB pin voltage exceeds 1.1V, the over voltage protection is triggered. When the FB
pin voltage is below 0.3V, the oscillator frequency is lowered to realize short circuit protection
6
COMP
Compensation pin. This pin is the output of the transconductance error amplifier and the input to the
current comparator. It is used to compensate the control loop. Connect a series RC network from this
pin to GND. In some cases, an additional capacitor from this pin to GND pin is required
7
EN
Control input pin. EN is a digital input that turns the regulator on or off. Drive EN high/low to turn on/off
the regulator. Pull up with 100k
Ω resistor for automatic startup
8
SS
Soft-start control input pin. SS controls the soft-start period. Connect a capacitor from SS to GND to
set the soft-start period. A 0.1
μF capacitor sets the soft-start period to 15ms. To disable the soft-start
feature, leave SS unconnected
EP
Exposed pad. It should be connected to GND in PCB layout



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com